Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3736 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3736
Description  SILICON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3736 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3736 Datasheet HTML 1Page - Renesas Technology Corp 2SC3736 Datasheet HTML 2Page - Renesas Technology Corp 2SC3736 Datasheet HTML 3Page - Renesas Technology Corp 2SC3736 Datasheet HTML 4Page - Renesas Technology Corp 2SC3736 Datasheet HTML 5Page - Renesas Technology Corp 2SC3736 Datasheet HTML 6Page - Renesas Technology Corp 2SC3736 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SC3736
HIGH SPEED SWITCHING
NPN SILICON EPITAXIAL TRANSISTOR
POWER MINI MOLD
DATA SHEET
Document No. D17148EJ3V0DS00 (3rd edition)
(Previous No. TC-1891A)
Date Published May 2004 NS CP(K)
Printed in Japan
1987
The mark
shows major revised points.
DESCRIPTION
The 2SC3736 is designed for power amplifier and high speed
switching applications.
FEATURES
• High speed, high voltage switching
• Low collector saturation voltage
• Complementary to the 2SA1460 PNP transistor.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
80
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
1.0
A
Collector Current (pulse)
Note1
IC(pulse)
2.0
A
Total Power Dissipation
Note2
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. Mounted on ceramic substrate of 16 cm
2 x 0.7 mm
PACKAGE DRAWING (Unit: mm)
1.6 ±0.2
1.5 ±0.1
3.0 TYP.
1.5 TYP.
4.5 ±0.1
0.41
+0.03
–0.05
0.47
±0.06
0.42
±0.06
0.42
±0.06
13
2
1: Emitter
2: Collecter (Fin)
3: Base



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com