Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3736 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3736
Description  SILICON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3736 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3736 Datasheet HTML 1Page - Renesas Technology Corp 2SC3736 Datasheet HTML 2Page - Renesas Technology Corp 2SC3736 Datasheet HTML 3Page - Renesas Technology Corp 2SC3736 Datasheet HTML 4Page - Renesas Technology Corp 2SC3736 Datasheet HTML 5Page - Renesas Technology Corp 2SC3736 Datasheet HTML 6Page - Renesas Technology Corp 2SC3736 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet D17148EJ3V0DS
2
2SC3736
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICES
VCE = 45 V, RBE = 0
Ω
0.5
µA
Emitter Cut-off Current
IEBO
VEB = 4.0 V, IC = 0 A
0.5
µA
DC Current Gain
Note
hFE1
VCE = 10 V, IC = 50 mA
60
200
hFE2
VCE = 10 V, IC = 500 mA
60
Collector Saturation Voltage
Note
VCE(sat)
IC = 500 mA, IB = 50 mA
0.17
0.4
V
Base Saturation Voltage
Note
VBE(sat)
0.90
1.2
V
Gain Bandwidth Product
fT
VCE = 10 V, IE =
−100 mA
300
380
MHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
6.7
10
pF
Turn-on Time
ton
IC = 500 mA, IB1 =
−IB2
50 mA
20
40
ns
Storage Time
tstg
55
80
ns
Turn-off Time
toff
72
100
ns
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSIFICATION
MARKING
OL
OK
hFE1
60 to 120
100 to 200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com