Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3736 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC3736
Description  SILICON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3736 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC3736 Datasheet HTML 1Page - Renesas Technology Corp 2SC3736 Datasheet HTML 2Page - Renesas Technology Corp 2SC3736 Datasheet HTML 3Page - Renesas Technology Corp 2SC3736 Datasheet HTML 4Page - Renesas Technology Corp 2SC3736 Datasheet HTML 5Page - Renesas Technology Corp 2SC3736 Datasheet HTML 6Page - Renesas Technology Corp 2SC3736 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet D17148EJ3V0DS
4
2SC3736
BASE AND COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
10
5
2
1
0.5
0.05
0.2
0.1
10 m 20 m
50 m 100 m 200 m 500 m 1
2
5
IC = 10 . IB
VBE(sat)
VCE(sat)
1000
500
200
100
50
5
20
10
−10 m −20 m −50 m −100 m −200 m −500 m −1
−2
−5
VCE = 10 V
IC - Collector Current - A
IE - Emitter Current - A
OUTPUT CAPACITANCE vs. REVERSE VOLTAGE
SWITCHING TIME vs. COLLECTOR CURRENT
5
2
1
50
20
100
10
12
510
20
50
100
f = 1.0 MHz
10
20
5
100
200
50
1000
500
10 m 20 m
50 m 100 m 200 m
500 m
1
2
5
VCC = 10 V
IB1 =
−IB2
PW = 200 ns
Duty Cycle
≤ 2%
tstg
ton
tf
VCB - Collector to Base Voltage - V
IC - Collector Current - A
SWITCHING TIME TEST CIRCUIT
+10 V
0
100 ns
Duty Cycle = 2%
VIN
VIN
VOUT
VOUT
VIN
VOUT
VBB =
−5 V
VCC = 10 V
100
Ω
50
Ω
20
Ω
130
Ω
10%
10%
90%
90%
10%
ton
toff
tstg



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com