Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3736 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC3736
Description  SILICON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3736 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC3736 Datasheet HTML 1Page - Renesas Technology Corp 2SC3736 Datasheet HTML 2Page - Renesas Technology Corp 2SC3736 Datasheet HTML 3Page - Renesas Technology Corp 2SC3736 Datasheet HTML 4Page - Renesas Technology Corp 2SC3736 Datasheet HTML 5Page - Renesas Technology Corp 2SC3736 Datasheet HTML 6Page - Renesas Technology Corp 2SC3736 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D17148EJ3V0DS
3
2SC3736
TYPICAL CHARACTERISTICS (TA = 25°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
SAFE OPERATING AREA
(TRANSIENT THERMAL RESISTANCE METHOD)
2.4
2.0
1.6
1.2
0.8
0.4
0
0
50
100
150
TA - Ambient Temperature -
°C
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
1
2
5
10
20
50
100
IC(pulse) MAX.
IC(DC) MAX.
100
ms
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
1.0
0.8
0.6
0.4
0.2
0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
IB = 1.0 mA
10 mA
9.0 mA
8.0 mA
7.0 mA
6.0 mA
5.0 mA
4.0 mA
3.0 mA
2.0 mA
1.0
0.8
0.6
0.4
0.2
0
012345
IB = 1.0 mA
10 mA
9.0 mA
8.0 mA
6.0 mA
7.0
mA
5.0 mA
4.0 mA
3.0 mA
2.0 mA
VCE - Collector to Emitter Voltage - V
VCE - Collector to Emitter Voltage - V
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
1000
500
200
100
50
5
20
10
10 m 20 m
50 m 100 m 200 m 500 m
12
5
VCE = 10 V
5 V
2 V
IC - Collector Current - A
5
2
1
500 m
200 m
100 m
50 m
20 m
10 m
600
700
800
900
1000
VCE = 10 V
VBE - Base to Emitter Voltage - V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com