Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 24Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 25Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 26Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 27Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 28Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 29Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 30Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 31Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
28
CHAPTER 2: SIGNAL DESCRIPTIONS
C
Pinout Diagram
The C-5e NP contains 840 pins. These pin numbers are referenced throughout the
remaining chapter. Figure 2 shows the pin locations from the top view. In contrast,
Figure 3 shows the pin locations from the bottom view.
Figure 2 Pin Locations (Top View)
29
28
27
26
25
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
AJ
CP0_0
CP1_0
CP1_5 CP2_4
CP3_4
CP5_2 CP6_1
CP7_1
CP8_1
CP8_6
FOUT0 FOUT6 FOUT12 FOUT19 FOUT24
FOUT31 FTXCTL5
FIN3
FIN10
FIN15
FIN22
FIN29
FRXCTL3
PAD0
PAD1
PAD2
PAD3
PAD4
AJ
AH
CP0_1
VDD33
CP1_6 CP2_5
CP3_5
CP5_3 CP6_2
CP7_2
VDD33
CP9_0
FOUT1 FOUT7 FOUT13
GND
FOUT25
FTXCTL0 FTXCTL6
FIN4
VDDF
FIN16
FIN23
FIN30
GND
PAD5
PAD6
PAD7
VDD33
PAD8
AH
AG
CP0_2
CP1_1
CP2_0 CP2_6
CP3_6
CP5_4 CP6_3
CP7_3
CP8_2
CP9_1
FOUT2
VDDF
FOUT14 FOUT20 FOUT26
VDDF
FTXCLK
FIN5
FIN11
FIN17
FIN24
FIN31
FRXCTL4
PAD9
PAD10
PAD11
PAD12
PAD13
AG
AF
CP0_3
CP1_2
VDD33 CP3_0
CP4_0
GND
CP6_4
CP7_4
CP8_3
CP9_2
GND
FOUT8 FOUT15 FOUT21 FOUT27
FTXCTL1
GND
FIN6
FIN12
FIN18
FIN25
GND
FRXCTL5
PAD14
PAD15
VDD33PAD16
PAD17
AF
AE
CP0_4
GND
CP2_1 CP3_1
CP4_1
CP5_5 CP6_5
CP7_5
GND
CP9_3
FOUT3 FOUT9 FOUT16
VDDF
FOUT28
FTXCTL2
FIN0
FIN7
GND
FIN19
FIN26
FRXCTL0
VDDF
PAD18
PAD19
PAD20
GND
PAD21
AE
AD
CP0_5
CP1_3
CP2_2 CP3_2
CP4_2
CP5_6 CP6_6
CP7_6
CP8_4
CP9_4
FOUT4 FOUT10 FOUT17 FOUT22 FOUT29
FTXCTL3
FIN1
FIN8
FIN13
FIN20
FIN27
FRXCTL1 FRXCTL6
PAD22
PAD23
PAD24
PAD25
PAD26
AD
AC
CP0_6
CP1_4
CP2_3 CP3_3
CP4_3
CP6_0 CP7_0
CP8_0
CP8_5
CP9_5
FOUT5 FOUT11 FOUT18 FOUT23 FOUT30
FTXCTL4
FIN2
FIN9
FIN14
FIN21
FIN28
FRXCTL2 FRXCLK
PAD27
PAD28
PAD29
PAD30
PAD31
AC
AB
CP9_6
CPA_0 VDD33 CPA_1 CPA_2
GND
CPA_4
CPA_5
VDD33
GND
VDD33
GND
VDDF
GND
VDDF
GND
VDDF
GND
VDD33 PTRDYX
PIRDYX
GND
PCBEX0 PCBEX1
PCBEX2
VDD33 PCBEX3
PPAR
AB
AA
CPA_6
GND
CPB_0 CPB_1 CPB_2
CPB_3 CPB_4
CPB_5
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
PREQX
PRSTX
PCLK
VDD33
PSTOPX PDEVSELX PPERRX
GND
PSERRX
AA
Y
CPB_6 CPC_0 CPC_1 CPC_2 CPC_3
CPC_5 CPC_6
CPD_0
VDD33
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
PINTA
PIDSEL
PGNTX
SIDA
SICL
SPCK
SPLD
SPDI
SPDO
Y
W
CPD_1 CPD_2 CPD_3 CPD_4 CPD_5
CPE_0 CPE_1
CPE_2
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
PFRAMEX XPUHOT
TA21
TA20
TA19
TA18
TA17
TA16
TA15
W
V
CPE_3
CPE_4
GND
CPE_5 CPE_6
VDD33 CPF_1
CPF_2
VDD33
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
TA14
TA13
VDDT
TA12
TA11
TA10
GND
TA9
TA8
V
U
CPF_3
VDD33
CPF_4 CPF_5 CPF_6
MD0
MD1
MD2
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
TA7
TA6
TA5
GND
TA4
TA3
TA2
VDDT
TA1
U
T
MD3
MD4
MD5
MD6
MD7
MD9
MD10
MD11
VDD33
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
TWE3X
TWE2X
TWE1X
TWE0X
TCE3X
TCE2X
TCE1X
TCE0X
TA0
T
R
MD12
MD13
MD14
MD15
MD16
MD18
MD19
MD20
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
TD63
TD62
TD61
TD60
TPAR3
TPAR2
TPAR1
TPAR0
TCLKI
R
P
MD21
MD22
VDD33
MD23
MD24
GND
MD26
MD27
VDD33
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
TD59
TD58
GND
TD57
TD56
TD55
VDDT
TD54
TD53
P
N
MD28
GND
MD29
MD30
MD31
MD32
MD33
MD34
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
GND
TD52
TD51
TD50
VDDT
TD49
TD48
TD47
GND
TD46
N
M
MD35
MD36
MD37
MD38
MD39
MD41
MD42
MD43
VDD33
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
TD45
TD44
TD43
TD42
TD41
TD40
TD39
TD38
TD37
M
L
MD44
MD45
MD46
MD47
MD48
MD50
MD51
MD52
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
TD36
TD35
TD34
TD33
TD32
TD31
TD30
TD29
TD28
L
K
MD53
MD54
GND
MD55
MD56
VDD33 MD58
MD59
VDD33
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
TD27
TD26
VDDT
TD25
TD24
TD23
GND
TD22
TD21
K
J
MD60
VDD33
MD61
MD62
MD63
MD64
MD65
MD66
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDDT
GND
TD20
TD19
TD18
GND
TD17
TD16
TD15
VDDT
TD14
J
H
MD67
MD68
MD69
MD70
MD71
MD73
MD74
MD75
VDD33
GND
VDD33
GND
VDD33
GND
VDD33
GND
VDD33
GND
VDDT
TD13
TD12
TD11
TD10
TD9
TD8
TD7
TD6
TD5
H
G
MD76
MD77
MD78
MD79
MD80
MD82
MD83
MD84
MDECC7 MDECC2
MDQM
MA11
MA5
SCLK
CCLK0
CCLK3
CPREF
QA13
TD4
TD3
TD2
TD1
TD0
QD23
QD16
QD11
QD6
QD0
G
F
MD85
MD86
VDD33
MD87
MD88
VDD33 MD90
MD91
MDECC6 MDECC1 MDQML MA10
MA4
SCLKX
CCLK1
CCLK4
CCLK6
QA14
QA9
QA3
QDPH
VDDT
QD30
QD24
QD17
VDDT
QD7
QD1
F
E
MD92
GND
MD93
MD94
MD95
MD96
MD97
MD98
GND
MDECC0
MBA0
MA9
MA3
VDD33
CCLK2
CCLK5
CCLK7
QA15
GND
QA4
QARDY
QBCLKI
GND
QD25
QD18
QD12
GND
QD2
E
D
MD99
MD100 MD101 MD102 MD103
MD105 MD106
MD107 MDECC5
MCASX
GND
MA8
MA2
JSE
JSO0
JSO2
GND
QA16
QA10
QA5
QNQRDY QACLKO
QD31
QD26
QD19
QD13
QD8
QD3
D
C
MD108 MD109
GND
MD110 MD111
VDD33 MD113
MD114 MDECC4
MRASX
MBA1
VDD33
MA1
JTCK JCLKBYP
VDD33
JSO3
QDQPAR QA11
QA6
QA0
VDDT
QWEX
QD27
QD20
GND
QD9
QD4
C
B
MD115 VDD33 MD116 MD117 MD118
MD119 MD120
MD121
VDD33
MWEX
MDCLK
MA7
MA0
GND
JTDI
JHIGHZ
JSO5
NC3
VDDT
QA7
QA1
QACLKI
GND
QD28
QD21
QD14
VDDT
QD5
B
A
MD122 MD123 MD124 MD125 MD126
MD128 MD129 MDECC8 MDECC3
MCSX
NC5
MA6
JSO1
JSO4
JTMS
JTDO
JTRSTX
NC4
QA12
QA8
QA2
QDPL
QBCLKO
QD29
QD22
QD15
QD10
A
29
28
27
26
25
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
24
CP4_4
GND
CP4_5
CP4_6
VDD33
CP5_0
CP5_1
CPA_3
VDD33
CPC_4
CPD_6
CPF_0
GND
MD8
MD17
MD25
VDD33
MD40
MD49
MD57
GND
MD72
MD81
MD89
GND
MD104
MD112
GND
MD127
24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com