Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 62 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 61Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 62Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 63Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 64Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 65Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
62
CHAPTER 2: SIGNAL DESCRIPTIONS
C
K 1-29
K1
TD21
K9
TD27
K17
GND
K25
MD56
K2
TD22
K10
VDDT
K18
VDD
K26
MD55
K3
GND
K11
GND
K19
GND
K27
GND
K4
TD23
K12
VDD
K20
VDD33
K28
MD54
K5
TD24
K13
GND
K21
MD59
K29
MD53
K6
TD25
K14
VDD
K22
MD58
K7
VDDT
K15
GND
K23
VDD33
K8
TD26
K16
VDD
K24
MD57
L 1-29
L1
TD28
L9
TD36
L17
VDD
L25
MD48
L2
TD29
L10
GND
L18
GND
L26
MD47
L3
TD30
L11
VDD
L19
VDD
L27
MD46
L4
TD31
L12
GND
L20
GND
L28
MD45
L5
TD32
L13
VDD
L21
MD52
L29
MD44
L6
TD33
L14
GND
L22
MD51
L7
TD34
L15
VDD
L23
MD50
L8
TD35
L16
GND
L24
MD49
M 1-29
M1
TD37
M9
TD45
M17
GND
M25
MD39
M2
TD38
M10
VDDT
M18
VDD
M26
MD38
M3
TD39
M11
GND
M19
GND
M27
MD37
M4
TD40
M12
VDD
M20
VDD33
M28
MD36
M5
TD41
M13
GND
M21
MD43
M29
MD35
M6
TD42
M14
VDD
M22
MD42
M7
TD43
M15
GND
M23
MD41
M8
TD44
M16
VDD
M24
MD40
Table 32 Signals Listed by Pin Number (continued)
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com