Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 100 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 96Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 97Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 98Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 99Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 100Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 101Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 102Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 103Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
100
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C
Table 57 QMU SRAM (Internal Mode) Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tqc
QMU Cycle Time
5.7
ns
Tqco
QMU Ctrl Output
0.8
3.4
ns
Loading is 50
Ω
transmission line.
Tqao
QMU Addr Output
0.8
3.4
ns
Loading is 50
Ω
transmission line.
Tqds
QMU Data Setup
0.8
ns
Tqdh
QMU Data Hold
0.8
ns
Tqdo
QMU Data Output
0.9
3.4
ns
Loading is 50
Ω
transmission line.
Tqdz
QMU Data Clk to Tri*
* Not fully tested, values based on design/characterization.
0.9
3.4
ns
Tqdv
QMU Data Clk to
Driven*
0.9
3.4
ns
Table 58 Signal Groups in QMU SRAM (Internal Mode) Timing Diagrams
SIGNAL GROUP
INCLUDED SIGNALS
Control (Q_ctl)
QWEX
Address (QAn)
QA0-QA16
Data (QDn)
QD0-QD31, QDPL, QDPH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com