Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 50 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 46Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 47Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 48Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 49Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 50Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 51Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 52Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 53Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
50
CHAPTER 2: SIGNAL DESCRIPTIONS
C
For the CSIX-L1 Mode, VDDF= 2.5V.
Table 22 PRIZMA Mode, C-5e Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5E NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
C-5E NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
FRXCTL0
Input
TxEnb*
Not connected to
fabric.
FTXCTL0
Input
RxEnb*
Not connected to
fabric.
FRXCTL1
Output
TxClav
No connection
FTXCTL1
Output
RxClav
No Connection
FRXCTL2
Input
TxSOP
FTXCTL2
Output
RxSOP
FRXCTL3
Input
n/a
FTXCTL3
Input
n/a
FRXCTL4
Input
n/a
FTXCTL4
Input
n/a
FRXCTL5
Input
n/a
FTXCTL5
Input
n/a
FRXCTL6
Input
TxPrty
Optional
FTXCTL6
Output
RxPrty
Optional
* Both TxEnb and RxEnb are Active Low.
Table 23 Power X(CSIX-L0) Mode, C-5e Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5E NETWORK
PROCESSOR
I/O
POWER X
NOTE
C-5E NETWORK
PROCESSOR
I/O
POWER X
NOTE
FRXCTL0
Input
RxCtrl[0]
FTXCTL0
Output
TxCtrl[0]
FRXCTL1
Input
RxCtrl[1]
FTXCTL1
Output
TxCtrl[1]
FRXCTL2
Input
RxCtrl[2]
FTXCTL2
Output
TxCtrl[2]
FRXCTL3
Input
RxPrty[3]
FTXCTL3
Output
TxPrty[3]
FRXCTL4
Input
RxPrty[2]
FTXCTL4
Output
TxPrty[2]
FRXCTL5
Input
RxPrty[1]
FTXCTL5
Output
TxPrty[1]
FRXCTL6
Input
RxPrty[0]
FTXCTL6
Output
TxPrty[0]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com