Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 112 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 111Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 112Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 113Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
112
INDEX
C
Serial Interface 43
Serial Port 43
Test 58
TLU SRAM Interface 54
SONET OC-12 Transceiver Interface Configuration 40
SONET OC-3 Transceiver Interface Configuration 39
Specifications
10/100 Ethernet Timing 84
AC Timing 81
BMU Timing 96
Clock Timing 82
CP Timing 83
DS1/DS3 Timing 83
Electrical 73
Executive Processor Timing 89
Fabric Processor Timing 94
Gigabit GMII Ethernet, TBI and MII Interface Timing
Specification 85
Low Speed Serial Interface Timing 92
MDIO Serial Interface Timing 91
Mechanical 103
OC-12 Timing 88
OC-3 Timing 87
PCI Timing 89
PROM Interface Timing 93
QMU Timing 99
TLU Timing 98
XP Timing 89
System Clock Timing Description 82
System Clock Timing Diagram 82
System Interfaces
Executive Processor 23
T
Table Lookup Unit 25
Test Signals 58
Test Signals, Miscellaneous, For JTAG, Scan, and Internal Test
Routines 58
Timing Outline
PROM Interface 46
TLU Signal Groups 98
TLU SRAM Interface Signals 54
TLU Timing Description 98
TLU Timing Diagram 98
TLU Timing Specifications 98
Transceiver Interface Configuration
SONET OC-12 40
SONET OC-3 39
Transmit and Receive Pin Combinations for Gigabit Ethernet and
FibreChannel 35
U
Utopia2/Utopia3 ATM Mode, C-5e Network Processor to Fabric
Interface Pin Mapping 49
Utopia2/Utopia3 PHY Mode, C-5e Network Processor to Fabric
Interface Pin Mapping 49
X
XP Timing Specifications 89
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com