Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CAARCH-RM/D Datasheet(PDF) 106 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 102Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 103Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 104Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 105Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 114 page
background image
106
CHAPTER 4: MECHANICAL SPECIFICATIONS
C3EN
Package Measurements
Table 57 defines the C-3e NP package measurements, providing nominal, minimum, and
maximum sizes where appropriate.
At Motorola’s discretion up to fourteen (14) capacitors may or may not be attached on
the top of the package.
Marking Codes
Table 58 explains the marking on the C-3e NP.
Table 57 Package Measurements (Reference Figure 28, Figure 29 and Figure 30 for Symbols)
SYMBOL
DEFINITION
NOM. (MM)
MIN. (MM)
MAX. (MM)
A
Overall
3.11
2.83
3.39
A1
Ball height
0.70
0.6
0.8
A
2
C4 and Die
0.86
A
3
Body thickness
1.55
1.41
1.69
A4
Capacitor pad
0.6
D
Body size
29.00
28.80
29.20
D
1
Ball footprint (X)
26.00
E
Body size
29.00
28.80
29.20
E
1
Ball footprint (Y)
26.00
e
Ball pitch
1.00
b
Ball diameter
0.70
Table 58 C-3e Network Processor Marking Codes
MARKING (EXPLANATION OF CODES)
Top
Logo/Part#/Date Code
Bottom
N/A
Pin 1 Marking
Chamfered Corner
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com