Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CAARCH-RM/D Datasheet(PDF) 110 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 111Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 112Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 113Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 110 / 114 page
background image
110
INDEX
C3EN
Low Speed Serial Interface Timing 90
MDIO Serial Interface Timing 89
OC-3 Timing 85
PCI Timing 87
Pinout 28
PROM Interface 46
PROM Interface Timing 91
QMU Timing 98
Signal Groups in BMU Timing 95
Signal Groups in QMU Timing 99
Signal Groups in TLU Timing 97
System Clock Timing 80
TLU Timing 96
Diagram, Block
C-3e Network Processor 20
DS1/DS3 Ethernet Timing Description 81
DS1/DS3 Ethernet Timing Diagram 81
DS1/DS3 Timing Specifications 81
DS1/T1 Framer Interface Configuration 34
DS1/T1 Framer Interface Signals 34
E
Electrical Specifications 71
Absolute Maximum Ratings 71
Executive Processor 23
PCI 23
PROM Interface 24
Serial Bus Interface 23
System Interface Signals 43
System Interfaces 23
Executive Processor Timing Specifications 87
F
Fabric Interface Pin Mapping
Utopia2/Utopia3 ATM Mode 50
Utopia2/Utopia3 PHY Mode 50
Fabric Processor 24
Fabric Processor Interface Signals 49
Fabric Processor Timing Description 93
Fabric Processor Timing Diagram 92
Fabric Processor Timing Specifications 92
Functional Description 19
G
General System Interface Signal 48
Gigabit Ethernet (GMII) Configuration 36
Gigabit Ethernet (GMII) Signals
One Cluster Example 37
Gigabit Ethernet (TBI) Timing Description 84, 84
Gigabit Ethernet (TBI) Timing Diagram 83
Gigabit Ethernet and FibreChannel TBI Configuration 38
Gigabit Ethernet and FibreChannel TBI Signals
Example 38
Gigabit GMII Ethernet, TBI and MII Interface Timing Specification 83
GMII/TBI Transmit and Receive Pin Configurations 36
I
IDcode Register 69
Instruction Register Instructions 69
J
JTAG Data Registers 67
JTAG Identification Code and Its Sub-components 69
JTAG Instruction Register 69
JTAG Internal Register Descriptions 67
JTAG Support
Pinouts 67
L
Low Speed Serial Interface Timing Description 90
Low Speed Serial Interface Timing Diagram 90
Low Speed Serial Interface Timing Specifications 90
LVPECL Specifications 30
LVTTL Specifications 30
M
MDIO Serial Interface Timing Description 89
MDIO Serial Interface Timing Diagram 89
MDIO Serial Interface Timing Specifications 89
Measurements
C-3e Network Processor 106
Mechanical Specifications 103
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com