Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EM Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC124EM
Description  50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124EM Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC124EM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124EM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PDTC124EM
50 V, 100 mA NPN resistor-equipped transistor;
R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
Product data sheet
1. General description
NPN Resistor-Equipped Transistor (RET) in a leadless ultra small SOT883 (SC-101) Surface-
Mounted Device (SMD) plastic package.
PNP complement: PDTA124EM
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
3. Applications
• Digital application in automotive and industrial segments
• Cost-saving alternative for BC847 series in digital applications
• Controlling IC inputs
• Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
[1]
15.4
22
28.6
kΩ
R2/R1
bias resistor ratio
[1]
0.8
1
1.2
[1] See "Section 11: Test information" for resistor calculation and test conditions.


Similar Part No. - PDTC124EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124EM PHILIPS-PDTC124EM Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC124EM NXP-PDTC124EM Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC124EM NEXPERIA-PDTC124EM Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PDTC124EMB NEXPERIA-PDTC124EMB Datasheet
840Kb / 12P
NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓
More results

Similar Description - PDTC124EM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA124ET-Q NEXPERIA-PDTA124ET-Q Datasheet
215Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
11 January 2023
PIMD2 NEXPERIA-PIMD2 Datasheet
257Kb / 14P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 March 2023
PUMD16-Q NEXPERIA-PUMD16-Q Datasheet
238Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 47 kΩ
8 March 2023
PUMH1-Q NEXPERIA-PUMH1-Q Datasheet
236Kb / 12P
NPN/NPN resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
14 November 2022
PUMH16 NEXPERIA-PUMH16 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
31 March 2023
PUMH19 NEXPERIA-PUMH19 Datasheet
221Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = open
31 March 2023
PDTC124ET NEXPERIA-PDTC124ET Datasheet
243Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 October 2022
PDTC124EU-Q NEXPERIA-PDTC124EU-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
7 March 2022
PDTC124ET-Q NEXPERIA-PDTC124ET-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
5 January 2022
PUMD2-Q NEXPERIA-PUMD2-Q Datasheet
252Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
24 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com