Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSR2060F Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR2060F
Description  Super-Fast Recovery Diodes 20A FRED Pt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR2060F Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR2060F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
  
■Characteristics (Typical)
Case Temperature(℃)
FIG1:Io -Tc Curve
0
0
50
100
150
3.0
6.0
9.0
15.0
20.0
22.0
25.0
TC measure point
200
12
5
10
20
50
100
90
150
180
190
8.3ms Single
Half Sine-Wave
JEDEC Method
210
60
FIG2:Surge Forward Current Capability
Number of Cycles
30
0.2
0.4
0.6
0.1
0.2
0.5
1.0
10
20
40
5.0
0.8
1.4
1.0
0
1.2
FIG3: Forward Voltage
Instantaneous Forward Voltage (V)
1.6
1.8
2.0
2.0
Tj=25
℃
Tj=100℃
Tj=125℃
Tj=150℃
FIG.4: Instantaneous Reverse Characteristics
Percent of Rated Peak Reverse Voltage (% )
020
40
60
80
100
0.01
0.1
1.0
10
100
Tj=125℃
Tj=25℃
Tj=100℃
Tj=150℃
ht
t
p
:
//
www.lgesemi.com
Revision:20220701-P3
mail:lge@lgesemi.com
MTSR2060/MTSR2060F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com