Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSR2060F Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR2060F
Description  Super-Fast Recovery Diodes 20A FRED Pt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR2060F Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR2060F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
■Outline Dimensions
ITO-220AC
Dim
Min
Max
A
9.8
10.2
B
2.25
2.75
C
2.95
3.45
D
14.75
15.25
E
3.5
4.1
F
0.45
0.75
G
0.45
0.75
H
13.35
14.15
I
4.97
5.23
J
4.3
4.8
K
2.5
2.74
L
2.58
2.82
M
1.03
1.43
A
C
K
J
F
L
B
D
E
G
H
I
ITO-220AC
Dimensions in millimeters
M
A
C
K
J
F
L
B
D
E
G
H
I
TO-220AC
Dimensions in millimeters
T O - 2 2 0 A C
D i m
M i n
M a x
A
9 . 9 5
1 0 . 3 5
B
2 . 5 5
2 . 9 5
C
3 . 7 5
4 . 0 5
D
1 4 . 9 5
1 5 . 2 5
E
3 . 7 5
4 . 2 5
F
0 . 2 6
0 . 5
G
0 . 6 8
0 . 9 4
H
1 3 . 3
1 3 . 9
I
4 . 8 6
5 . 2 6
J
4 . 3 8
4 . 7 8
K
1 . 1 4
1 . 4
L
2 . 3 7
2 . 7 9
ht
t
p
:
//
www.lgesemi.com
Revision:20220701-P4
mail:lge@lgesemi.com
MTSR2060/MTSR2060F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com