Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSR2060F Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR2060F
Description  Super-Fast Recovery Diodes 20A FRED Pt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR2060F Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR2060F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MTSR2060/MTSR2060F
 
 
Super-Fast Recovery Diodes 20A FRED Pt
Features
● Adopt FRD chip
● Low forward Voltage drop
● Fast reverse recovery time
● High frequency operation
● High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
Typical Applications
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
Mechanical Data
● Package: TO-220AC ITO-220AC
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity: As marked
■Maximum Ratings (Ta=25℃ Unless otherwise specified)
MTSR2060
MTSR2060F
VRSM
V
600
600
VRRM
V
600
600
PARAMETER
SYMBOL UNIT
MTSR2060/MTSR2060F
Device marking code
MTSR2060/MTSR2060F
Repetitive Peak Reverse Voltage
VRRM
V
600
Average Rectified Output Current
@60Hz sine wave, R-load, Tc(FIG.1)
IO
A
20
Surge(Non-repetitive)Forward Current
@60Hz half sine-wave, 1 cycle, Tj=25℃
IFSM
A
180
Current Squared Time @1ms≤t≤8.3ms
Tj=25
℃,
I2t
A2s
93
Storage Temperature
Tstg
℃
-55 ~ +175
Junction Temperature
Tj
℃
-55 ~ +175
Typical Junction capacitance @4V,1MHz
Cj
pF
92
Mounting torque
@recommend torque:5kgꞏcm
Tor
kgꞏcm
8
ht
t
p
:
//
www.lgesemi.com
Revision:20220701-P1
mail:lge@lgesemi.com
TYPE


Similar Part No. - MTSR2060F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MTSR2060F LUGUANG-MTSR2060F Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20220701-P1
MTSR2060F LUGUANG-MTSR2060F Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20240607-P1
More results

Similar Description - MTSR2060F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR3060P LUGUANG-MUR3060P Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20170701-P1
MUR460B LUGUANG-MUR460B Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 4A FRED Pt
Revision:20170701-P1
MUR2020CT LUGUANG-MUR2020CT Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MURH2020 LUGUANG-MURH2020 Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MTSR1020CT LUGUANG-MTSR1020CT Datasheet
916Kb / 4P
Super-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20170701-P1
MTSR2060F LUGUANG-MTSR2060F Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20220701-P1
MTSR3060P LUGUANG-MTSR3060P Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20220701-P1
MUR2060 LUGUANG-MUR2060 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
MUR8060P LUGUANG-MUR8060P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20221223-P1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com