Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSR2060F Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR2060F
Description  Super-Fast Recovery Diodes 20A FRED Pt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR2060F Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR2060F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2060F Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■Electrical Characteristics
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Min
Typ
Max
Instantaneous forward voltage drop per diode
V
FM
V
IFM=20.0A @Tj=25
℃
-
1.9
2.8
IFM=20.0A @Tj=150
℃
-
1.5
-
DC reverse current at
rated DC blocking voltage per diode
I
RRM1
uA
VRM=VRRM
Tj=25
℃
-
-
10
I
RRM2
VRM=VRRM
Tj=150
℃
-
30
200
Reverse Recovery Time
Trr
ns
IF=0.5A IRM=1A
IRR=0.25A Tj=25
℃
-
20
25
Tj=25
℃
IF=20A
di/dt=-200A/us
VRM=200V
-
37.45
-
Tj=125
℃
-
69.15
-
Peak recovery current
IRRM
A
Tj=25
℃
-
2.45
-
Tj=125
℃
-
5.75
-
Reverse recovery charge
Qrr
nC
Tj=25
℃
-
74.62
-
Tj=125
℃
-
200.70
-
■Thermal Characteristics (Tj=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
MTSR2060/MTSR2060F
Thermal Resistance
Between junction and case
RθJ-C
℃/W
4.0
Thermal Resistance
Between junction and Air
RθJ-A
℃/W
50
■Ordering Information (Example)
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MTSR2060/MTSR2060F
Approximate 1.6
50
1000
5000
Tube
0
trr
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
-0.25A
-1.0A
+0.5A
1cm
SET TIME BASE FOR
5/10ns/cm
(-)
(+)
(-)
(+)
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE1)
DUT
1Ω
NONINDUCTIVE
NOTES:
1.Rise Time=7ns max .Inpot Impedance=1MΩ 22pf
2.Rise Time=10ns max.Sourse Impedance=50Ω
MTSR2060/MTSR2060F
ht
t
p
:
//
www.lgesemi.com
Revision:20220701-P2
mail:lge@lgesemi.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com