Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7165 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # LX7165
Description  3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7165 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button LX7165 Datasheet HTML 16Page - Microsemi Corporation LX7165 Datasheet HTML 17Page - Microsemi Corporation LX7165 Datasheet HTML 18Page - Microsemi Corporation LX7165 Datasheet HTML 19Page - Microsemi Corporation LX7165 Datasheet HTML 20Page - Microsemi Corporation LX7165 Datasheet HTML 21Page - Microsemi Corporation LX7165 Datasheet HTML 22Page - Microsemi Corporation LX7165 Datasheet HTML 23Page - Microsemi Corporation LX7165 Datasheet HTML 24Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Copyrig
Rev. 1.
 
I
2
 
ght © 2016
2, 09/192016
C Interfa
One Ente
ace (Con
F
Figur
erprise Aliso Viejo
ntinued)
Figure 22: De
re 23: Timin
M
Analog
o, CA 92656 USA
3V to
) 
efinition for 
g definition 
Microsemi
Mixed Signal Gr
A, 1-800-713-41
o 5.5V, 5
Sync
FS‐Mode de
for HS‐mod
roup
13, 949-380-610
5A Const
chronou
evices on the
e devices on
00, fax 949-215-4
tant Freq
us Buck R
Prod
e I
2C Port 
n the I
2C Por
4996
quency 
Regulato
duction 
rt 
Page 2
LX716
Hystere
or with 
Datashe
21
65
tic 
I
2C 
eet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com