Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7165 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # LX7165
Description  3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7165 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button LX7165 Datasheet HTML 16Page - Microsemi Corporation LX7165 Datasheet HTML 17Page - Microsemi Corporation LX7165 Datasheet HTML 18Page - Microsemi Corporation LX7165 Datasheet HTML 19Page - Microsemi Corporation LX7165 Datasheet HTML 20Page - Microsemi Corporation LX7165 Datasheet HTML 21Page - Microsemi Corporation LX7165 Datasheet HTML 22Page - Microsemi Corporation LX7165 Datasheet HTML 23Page - Microsemi Corporation LX7165 Datasheet HTML 24Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Copyright © 2016
Microsemi
Page 24
Rev. 1.2, 09/192016
Analog Mixed Signal Group
One Enterprise Aliso Viejo, CA 92656 USA, 1-800-713-4113, 949-380-6100, fax 949-215-4996
LX7165
3V to 5.5V, 5A Constant Frequency Hysteretic 
Synchronous Buck Regulator with I
2C 
Production Datasheet
 
Package Dimensions 
 
WLCSP 20 Ball 0.4mm Pitch 
 
 
Note:
1.Solder ball composition SnAgCu
Recommended Footprint 
 
 
E
D
A2
A1
D1
e
E1
4
31
2
A
B
C
D
E
Ball 1
b
20X
Dim
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A1
0.186
0.226
0.0073
0.0089
A2
0.360
0.400
0.0142
0.0157
b
0.240
0.280
0.0094
0.0110
D1
1.20 BSC
0.0472 BSC
D
1.630
0.0642
e
0.40 BSC
0.0157 BSC
E1
1.60 BSC
0.0630 BSC
E
2.045
0.0805
PRODUCTION  DATA  –  Information  contained  in  this  document  is  proprietary  to  Microsemi 
and is current as of publication date.  This document may not be modified in any way without 
the  express  written  consent  of  Microsemi.   Product  processing  does  not  necessarily  include 
testing  of  all  parameters.   Microsemi  reserves  the  right  to  change  the  configuration  and 
performance of the product and to discontinue product at any time. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com