Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7165 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX7165
Description  3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7165 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX7165 Datasheet HTML 9Page - Microsemi Corporation LX7165 Datasheet HTML 10Page - Microsemi Corporation LX7165 Datasheet HTML 11Page - Microsemi Corporation LX7165 Datasheet HTML 12Page - Microsemi Corporation LX7165 Datasheet HTML 13Page - Microsemi Corporation LX7165 Datasheet HTML 14Page - Microsemi Corporation LX7165 Datasheet HTML 15Page - Microsemi Corporation LX7165 Datasheet HTML 16Page - Microsemi Corporation LX7165 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyrig
Rev. 1.
 
Ty
 
Dy
 
 
 
ght © 2016
2, 09/192016
ypical Pe
ynamic R
Figure 13
CH2
Figure 15
CH2
One Ente
erforma
Response 
3: 0.5A to 2.
2: VOUT, CH3
5: 0.5A to 2.
2: VOUT, CH3
erprise Aliso Viejo
ance Cur
(Continu
 
.5A PWM Ris
3: SW, CH4: 
 
 
5A PWM Fa
3: SW, CH4: 
M
Analog
o, CA 92656 USA
3V to
ves (Con
ued) 
sing Edge 
ILOAD 
lling Edge 
ILOAD 
Microsemi
Mixed Signal Gr
A, 1-800-713-41
o 5.5V, 5
Sync
ntinued)
Fig
Figu
roup
13, 949-380-610
5A Const
chronou
) 
gure 14: No l
CH2: VOU
ure 16: No lo
CH2: VOU
00, fax 949-215-4
tant Freq
us Buck R
Prod
 
load to 0.5A
UT, CH3: SW
 
 
 
 
oad to 0.5A 
UT, CH3: SW
4996
quency 
Regulato
duction 
A PSM Rising 
W, CH4: ILOAD
PSM Falling
W, CH4: ILOAD
Page 1
LX716
Hystere
or with 
Datashe
Edge 
g Edge 
13
65
tic 
I
2C 
eet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com