Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33G1M0A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST33G1M0A
Description  Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33G1M0A Datasheet(HTML) 1 Page - STMicroelectronics

  ST33G1M0A Datasheet HTML 1Page - STMicroelectronics ST33G1M0A Datasheet HTML 2Page - STMicroelectronics ST33G1M0A Datasheet HTML 3Page - STMicroelectronics ST33G1M0A Datasheet HTML 4Page - STMicroelectronics ST33G1M0A Datasheet HTML 5Page - STMicroelectronics ST33G1M0A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
March 2016
DocID027118 Rev 2
1/6
ST33GxxxA
Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,
SWP interface and high-density Flash memory, automotive grade
Data brief
Features
Hardware features
 ARM® SecurCore® SC300™ 32-bit RISC core
cadenced at 25 MHz
 30 Kbytes of user RAM
 Up to 1280 Kbytes of user Flash memory with
OTP area
 Asynchronous receiver transmitter supporting
ISO/IEC 7816-3 T=0 and T=1 protocols (Slave
mode supported)
 Single wire protocol (SWP) interface for
communications with NFC router (ETSI
102-613 compliant)
 Serial peripheral interface (SPI) master/slave
interface
 Three 16-bit timers with interrupt capability
 Seven general-purpose I/Os enabling
proprietary protocol implementation
 1.8 V, 3 V and 5 V supply voltage ranges
 External clock frequency from 1 up to 10 MHz
 Current consumption compatible with GSM
and ETSI specifications
 Power-saving standby state
 Contact assignment compatible with
ISO/IEC 7816-2
 ESD protection greater than 4 kV (HBM)
Security features
 Active shield
 Memory protection unit (MPU)
 Monitoring of environmental parameters
 Protection against faults
 16- and 32-bit CRC calculation block (ISO
13239, IEEE 802.3, etc.)
 True random number generator
 Unique serial number on each die
 Hardware security-enhanced DES accelerator
 Hardware security-enhanced AES accelerator
 NESCRYPT coprocessor for public key
cryptography algorithm
Applications
Major ST33G1M2A applications include:
 Mobile communications (Automotive grade)
 Java Card™ applications
 AECQ100 compliant
DFN8 6 × 5 mm
Table 1. Device summary
Part number
Memory size in Kbytes
ST33G1M2A
1280
ST33G1M0A
1024
ST33G896A
896
ST33G768A
768
ST33G640A
640
ST33G512A
512
ST33G384A
384
www.st.com


Similar Part No. - ST33G1M0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33G1M0M STMICROELECTRONICS-ST33G1M0M Datasheet
207Kb / 6P
M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
Rev 2
More results

Similar Description - ST33G1M0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33G1M2 STMICROELECTRONICS-ST33G1M2 Datasheet
170Kb / 4P
Secure MCU with 32-bit ARM짰 SecurCore SC300 CPU and high-density Flash memory
01-Oct-2013
ST33G1M2M STMICROELECTRONICS-ST33G1M2M Datasheet
207Kb / 6P
M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
Rev 2
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
logo
STMicroelectronics
ST33TPM12LPC STMICROELECTRONICS-ST33TPM12LPC Datasheet
319Kb / 13P
Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
07-Nov-2013
ST32G512A STMICROELECTRONICS-ST32G512A Datasheet
181Kb / 5P
M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3 CPU and up to 512 Kbytes of high density Flash memory
27-Jan-2016
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com