Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512SRI Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics STEF512SRI Datasheet HTML 12Page - STMicroelectronics STEF512SRI Datasheet HTML 13Page - STMicroelectronics STEF512SRI Datasheet HTML 14Page - STMicroelectronics STEF512SRI Datasheet HTML 15Page - STMicroelectronics STEF512SRI Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
6.8
External capacitors and application suggestions
Input and output capacitors are mandatory to reduce the transient effects of stray inductances which may be
present on the input and output power paths. In fact, when the STEF512SRI interrupts the current flow, input
inductance generates a positive voltage spike on the input, and output inductance generates a negative voltage
spike on the output. To reduce the effects of such transients, a CIN capacitor of at least 1 μF (including derating
effects) must be connected between the input pin and GND and located as close as possible to the device.
For the same reason, a COUT capacitor of at least 10 μF must be connected at the output port.
When the device is connected to the power supplies by means of long wires, whose inductance is higher than 1
µH, the input capacitor should be increased.
It is suggested to provide for additional protections and methods for addressing these transients, such as:
•
Minimizing inductance of the input and output tracks
•
TVS diodes on the input to absorb inductive spikes
•
Schottky diode on the output to absorb negative spikes
•
A combination of ceramic and electrolytic capacitors on the input and output.
STEF512SRI
External capacitors and application suggestions
DS14138 - Rev 1
page 12/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com