Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512SRI Datasheet(PDF) 25 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 20Page - STMicroelectronics STEF512SRI Datasheet HTML 21Page - STMicroelectronics STEF512SRI Datasheet HTML 22Page - STMicroelectronics STEF512SRI Datasheet HTML 23Page - STMicroelectronics STEF512SRI Datasheet HTML 24Page - STMicroelectronics STEF512SRI Datasheet HTML 25Page - STMicroelectronics STEF512SRI Datasheet HTML 26Page - STMicroelectronics STEF512SRI Datasheet HTML 27Page - STMicroelectronics STEF512SRI Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Contents
1
Diagram ...........................................................................2
2
Pin configuration ..................................................................3
3
Typical application circuit..........................................................4
4
Maximum ratings ..................................................................5
5
Electrical characteristics...........................................................6
6
Device functional description ......................................................8
6.1
Undervoltage lockout ........................................................... 8
6.2
Startup sequence and voltage clamp .............................................. 8
6.3
Enable pin and SATA ignore function .............................................. 9
6.4
Current limit function after startup ................................................ 10
6.5
eFuse current monitor.......................................................... 10
6.6
Thermal shutdown............................................................. 11
6.7
Reverse current blocking feature on the 5 V channel ................................ 11
6.8
External capacitors and application suggestions.................................... 12
7
Typical characteristics ............................................................13
8
Package information..............................................................19
8.1
DFN10 (2 x 3 mm) package information........................................... 19
8.2
Carrier tape information ........................................................ 21
9
Ordering information .............................................................23
Revision history .......................................................................24
STEF512SRI
Contents
DS14138 - Rev 1
page 25/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com