Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512SRI Datasheet(PDF) 27 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 20Page - STMicroelectronics STEF512SRI Datasheet HTML 21Page - STMicroelectronics STEF512SRI Datasheet HTML 22Page - STMicroelectronics STEF512SRI Datasheet HTML 23Page - STMicroelectronics STEF512SRI Datasheet HTML 24Page - STMicroelectronics STEF512SRI Datasheet HTML 25Page - STMicroelectronics STEF512SRI Datasheet HTML 26Page - STMicroelectronics STEF512SRI Datasheet HTML 27Page - STMicroelectronics STEF512SRI Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (marking view) ......................................................... 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
Typical startup sequence (EN toggled after VIN rise) .......................................... 8
Figure 5.
Typical startup sequence (EN toggled during input voltage rise) .................................. 9
Figure 6.
SATA ignore function simplified diagram................................................... 9
Figure 7.
Startup sequence (SATAIG connected to GND at power-up).................................... 10
Figure 8.
Current limit function graphs.......................................................... 10
Figure 9.
Current monitor simplified circuit ....................................................... 11
Figure 10.
5 V reverse current protection block diagram .............................................. 11
Figure 11.
Quiescent current vs. temperature (ON mode) ............................................. 13
Figure 12.
Quiescent current vs. temperature (OFF mode) ............................................ 13
Figure 13.
12 V eFuse RDS_ON vs. temperature .................................................... 13
Figure 14.
5 V eFuse RDS_ON vs. temperature ..................................................... 13
Figure 15.
12 V eFuse voltage clamp vs. temperature ................................................ 13
Figure 16.
5 V eFuse voltage clamp vs. temperature................................................. 13
Figure 17.
12 V eFuse UVLO vs. temperature ..................................................... 14
Figure 18.
5 V eFuse UVLO vs. temperature ...................................................... 14
Figure 19.
12 V eFuse overload current limit vs. temperature ........................................... 14
Figure 20.
5 V eFuse overload current limit vs. temperature ........................................... 14
Figure 21.
Soft-start time vs. temperature ........................................................ 14
Figure 22.
SAS disable pin threshold vs. temperature ................................................ 14
Figure 23.
SATA ignore pin threshold vs. temperature ............................................... 15
Figure 24.
IMON_SEL pin threshold vs. temperature .................................................. 15
Figure 25.
Current monitor gain vs. temperature.................................................... 15
Figure 26.
Current monitor gain vs. load current ................................................... 15
Figure 27.
Startup via input voltage ............................................................ 15
Figure 28.
Startup via input voltage (hot-plug) 5 V .................................................. 15
Figure 29.
Startup via input voltage (hot-plug) 12 V.................................................. 16
Figure 30.
Startup via input voltage (hot-plug) 5 V & 12 V ............................................. 16
Figure 31.
Startup via EN_N signal............................................................. 16
Figure 32.
Shutdown via EN_N signal ........................................................... 16
Figure 33.
Startup into voltage clamp (5 V eFuse) .................................................. 16
Figure 34.
Startup into voltage clamp (12 V eFuse).................................................. 16
Figure 35.
Voltage clamp during operation (5 V eFuse) ............................................... 17
Figure 36.
Voltage clamp during operation (12 V eFuse) .............................................. 17
Figure 37.
Startup into output short-circuit via EN_N (5 V eFuse) ........................................ 17
Figure 38.
Startup into output short-circuit by EN_N (12 V eFuse) ....................................... 17
Figure 39.
Startup into overload (5 V eFuse) ...................................................... 17
Figure 40.
Startup into overload (12 V eFuse) ..................................................... 17
Figure 41.
Overcurrent protection (5 V eFuse) ..................................................... 18
Figure 42.
Overcurrent protection (12 V eFuse) .................................................... 18
Figure 43.
Power loss protection via UVLO_5 ..................................................... 18
Figure 44.
Current monitor response time to load step ............................................... 18
Figure 45.
Current monitor response time to channel switch via IMON_SEL .................................. 18
Figure 46.
DFN10 (2 x 3 mm) package outline ..................................................... 19
Figure 47.
DFN10 (2 x 3 mm) recommended footprint ................................................ 20
Figure 48.
Carrier tape information ............................................................. 21
Figure 49.
Marking information................................................................ 21
Figure 50.
Reel drawing .................................................................... 22
STEF512SRI
List of figures
DS14138 - Rev 1
page 27/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com