Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512SRI Datasheet(PDF) 14 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics STEF512SRI Datasheet HTML 12Page - STMicroelectronics STEF512SRI Datasheet HTML 13Page - STMicroelectronics STEF512SRI Datasheet HTML 14Page - STMicroelectronics STEF512SRI Datasheet HTML 15Page - STMicroelectronics STEF512SRI Datasheet HTML 16Page - STMicroelectronics STEF512SRI Datasheet HTML 17Page - STMicroelectronics STEF512SRI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Figure 17. 12 V eFuse UVLO vs. temperature
7,00
7,25
7,50
7,75
8,00
8,25
8,50
8,75
9,00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Rising threshold
Falling threshold
Figure 18. 5 V eFuse UVLO vs. temperature
3,50
3,60
3,70
3,80
3,90
4,00
4,10
4,20
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Rising threshold
Falling threshold
Figure 19. 12 V eFuse overload current limit vs.
temperature
2,50
2,70
2,90
3,10
3,30
3,50
3,70
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 20. 5 V eFuse overload current limit vs.
temperature
2,40
2,60
2,80
3,00
3,20
3,40
3,60
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 21. Soft-start time vs. temperature
9,0
10,0
11,0
12,0
13,0
14,0
15,0
16,0
17,0
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
5V channel
12V channel
CSS_5 = CSS_12 = 100nF
Figure 22. SAS disable pin threshold vs. temperature
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIL
VIH
STEF512SRI
Typical characteristics
DS14138 - Rev 1
page 14/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com