Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 216Page - STMicroelectronics STM32H7B3RI Datasheet HTML 217Page - STMicroelectronics STM32H7B3RI Datasheet HTML 218Page - STMicroelectronics STM32H7B3RI Datasheet HTML 219Page - STMicroelectronics STM32H7B3RI Datasheet HTML 220Page - STMicroelectronics STM32H7B3RI Datasheet HTML 221Page - STMicroelectronics STM32H7B3RI Datasheet HTML 222Page - STMicroelectronics STM32H7B3RI Datasheet HTML 223Page - STMicroelectronics STM32H7B3RI Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 238 page
background image
•
TAmax is the maximum ambient temperature in °C,
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W,
•
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax),
•
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power.
PI/Omax represents the maximum power dissipation on output pins where:
PI/Omax = Σ (VOL × IOL) + Σ((VDD – VOH) × IOH),
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the application.
Table 144. Thermal characteristics
Symbol
Definition
Parameter
value unit
ΘJA
Thermal resistance
junction-ambiant
Thermal resistance junction-ambient LQFP64 - 10 x 10 mm /0.5 mm
pitch
48.8
°C/W
Thermal resistance junction-ambient LQFP100 - 14 x 14 mm /0.5 mm
pitch
47.4
Thermal resistance junction-ambient LQFP144 - 20 x 20 mm /0.5 mm
pitch
46
Thermal resistance junction-ambient LQFP176 - 24 x 24 mm /0.5 mm
pitch
43.6
Thermal resistance junction-ambient TFBGA100 - 8 x 8 mm /0.8 mm
pitch
41.3
Thermal resistance junction-ambient TFBGA216 13 x 13 mm /0.8 mm
pitch
39.4
Thermal resistance junction-ambient TFBGA225 13 x 13 mm /0.8 mm
pitch
38.7
Thermal resistance junction-ambient UFBGA169 - 7 x 7 mm /0.5 mm
pitch
41.4
Thermal resistance junction-ambient UFBGA176+25 - 10 x 10 mm /
0.65 mm pitch
44.4
Thermal resistance junction-ambient WLCSP132 - 4.57 x 4.37 mm /
0.35 mm pitch
34.6
ΘJB
Thermal resistance
junction-board
Thermal resistance junction-board LQFP64 - 10 x 10 mm /0.5 mm pitch
37.2
°C/W
Thermal resistance junction-board LQFP100 - 14 x 14 mm /0.5 mm
pitch
39.2
Thermal resistance junction-board LQFP144 - 20 x 20 mm /0.5 mm
pitch
41.3
Thermal resistance junction-board LQFP176 - 24 x 24 mm /0.5 mm
pitch
40.2
Thermal resistance junction-board TFBGA100 - 8 x 8 mm /0.8 mm pitch
19
Thermal resistance junction-board UFBGA169 - 7 x 7 mm /0.5 mm pitch 15.3
Thermal resistance junction-board UFBGA176+25 - 10 x 10 mm /0.65
mm pitch
25
Thermal resistance junction-board TFBGA216 13 x 13 mm /0.8 mm
pitch
21.9
Thermal resistance junction-board TFBGA225 13 x 13 mm /0.8 mm
pitch
20.3
Thermal resistance junction-board WLCSP132 - 4.57 x 4.37 mm /0.35
mm pitch
NA
ΘJC
Thermal resistance
junction-case
Thermal resistance junction-case LQFP64 - 10 x 10 mm /0.5 mm pitch
13
°C/W
Thermal resistance junction-case LQFP100 - 14 x 14 mm /0.5 mm pitch
12.8
STM32H7B3xI
Thermal characteristics
DS13139 - Rev 8
page 220/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com