Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 218Page - STMicroelectronics STM32H7B3RI Datasheet HTML 219Page - STMicroelectronics STM32H7B3RI Datasheet HTML 220Page - STMicroelectronics STM32H7B3RI Datasheet HTML 221Page - STMicroelectronics STM32H7B3RI Datasheet HTML 222Page - STMicroelectronics STM32H7B3RI Datasheet HTML 223Page - STMicroelectronics STM32H7B3RI Datasheet HTML 224Page - STMicroelectronics STM32H7B3RI Datasheet HTML 225Page - STMicroelectronics STM32H7B3RI Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 238 page
background image
8
Ordering information
Example:
STM32
H
7B3
Z
I
T
6
Q
TR
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
H = High performance
Device subfamily
7B3 = STM32H7B3 with cryptographic accelerator
Pin count
R = 64 pins
V = 100 pins/balls
Q = 132 balls
Z = 144 pins
A = 169 balls
I = 176 or 176 + 25 pins/balls
N = 216 balls
L = 225 balls
Flash memory size
I = 2 Mbytes
Package
T = LQFP ECOPACK2
K = UFBGA 0.65 mm pitch ECOPACK2
I = UFBGA 0.5 mm pitch ECOPACK2
H = TFBGA ECOPACK2
Y = WLCSP ECOPACK2
Temperature range
6 = Industrial temperature range, –40 to 85 °C
Option
Q = with SMPS
Blank = without SMPS
Packing
TR = tape and reel
No character = tray or tube
For a list of available options (such as speed and package) or for further information on any aspect of this device,
contact your nearest ST sales office.
STM32H7B3xI
Ordering information
DS13139 - Rev 8
page 222/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com