Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 60Page - STMicroelectronics STM32U595QJ Datasheet HTML 61Page - STMicroelectronics STM32U595QJ Datasheet HTML 62Page - STMicroelectronics STM32U595QJ Datasheet HTML 63Page - STMicroelectronics STM32U595QJ Datasheet HTML 64Page - STMicroelectronics STM32U595QJ Datasheet HTML 65Page - STMicroelectronics STM32U595QJ Datasheet HTML 66Page - STMicroelectronics STM32U595QJ Datasheet HTML 67Page - STMicroelectronics STM32U595QJ Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 377 page
background image
Functional overview
STM32U59xxx
64/377
DS13633 Rev 1
The HSPI registers can be configured as secure through the TZSC controller.
3.31
Analog-to-digital converters (ADC1, ADC2 and ADC4)
The devices embed three successive approximation analog-to-digital converters.
3.31.1
Analog-to-digital converters (ADC1/2)
The ADC1/2 are 14-bit ADC successive approximation analog-to-digital converters.
Each ADC has up to 20 multiplexed channels. A/D conversion of the various channels can
be performed in Single, Continuous, Scan or Discontinuous mode. The result of the ADC is
stored in a left-aligned or right-aligned 32-bit data register.
The ADC1/2 are mapped on the AHB bus to allow fast data handling. The analog watchdog
features allow the application to detect if the input voltage goes outside the user-defined
high or low thresholds.
A built-in hardware over sampler allows analog performances to be improved while
off-loading the related computational burden from the CPU.
An efficient low-power mode is implemented to allow very low consumption at low
frequency.
Table 15. ADC features
ADC modes/features(1)
1. X = supported.
ADC1
ADC2
ADC4
Resolution
14 bits
12 bits
Maximum sampling speed for 14-bit resolution
2.5 Msps
Hardware offset calibration
X
Hardware linearity calibration
X
-
Single-ended inputs
X
Differential inputs
X
-
Injected channel conversion
X
-
Oversampling
up to x1024
up to x256
Data register
32 bits
16 bits
DMA support
X
Parallel data output to MDF
X
-
Dual mode
X
-
Autonomous mode
-
X
Offset compensation
X
-
Gain compensation
X
-
Number of analog watchdogs
3
Wake-up from Stop mode
-
X(2)
2. wake-up supported from Stop 0, Stop 1 and Stop 2 modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com