Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 67Page - STMicroelectronics STM32U595QJ Datasheet HTML 68Page - STMicroelectronics STM32U595QJ Datasheet HTML 69Page - STMicroelectronics STM32U595QJ Datasheet HTML 70Page - STMicroelectronics STM32U595QJ Datasheet HTML 71Page - STMicroelectronics STM32U595QJ Datasheet HTML 72Page - STMicroelectronics STM32U595QJ Datasheet HTML 73Page - STMicroelectronics STM32U595QJ Datasheet HTML 74Page - STMicroelectronics STM32U595QJ Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 377 page
background image
DS13633 Rev 1
71/377
STM32U59xxx
Functional overview
94
3.36.1
Multi-function digital filter (MDF)
The MDF is a high-performance module dedicated to the connection of external sigma-delta
(Σ∆) modulators. It is mainly targeted for the following applications:
•
audio capture signals
•
motor control
•
metering
The MDF features six digital serial interfaces (SITFx) and digital filters (DFLTx) with flexible
digital processing options to offer up to 24-bit final resolution.
The DFLTx of the MDF also include the filters of the ADF (audio digital filter).
The MDF can receive, via its serial interfaces, streams coming from various digital sensors.
The MDF supports the following standards allowing the connection of various
ΣΔ modulator
sensors:
•
SPI interface
•
Manchester coded 1-wire interface
•
PDM interface
A flexible BSMX (bitstream matrix) allows the connection of any incoming bitstream to any
filter.
The MDF converts an input data stream into clean decimated digital data words. This
conversion is done thanks to low-pass digital filters and decimation blocks.In addition it is
possible to insert a high-pass filter or DC offset correction block.
The conversion speed and resolution are adjustable according to configurable parameters
for digital processing: filter type, filter order, decimation ratio, integrator length. The
maximum output data resolution is up to 24 bits. There are two conversion modes: single
conversion and continuous modes. The data can be automatically stored in a system RAM
buffer through DMA, thus reducing the software overhead.
A flexible trigger interface can be used to control the conversion start. This timing control
can trigger simultaneous conversions or insert a programmable delay between conversions.
The MDF features an OLD (out-off limit detectors) function. There is one OLD for each
digital filter chain. Independent programmable thresholds are available for each OLD,
making it very suitable for over-current detection.
A SCD (short circuit detector) is also available for every selected bitstream. The SCD is able
to detect a short-circuit condition with a very short latency. Independent programmable
thresholds are offered in order to define the short circuit condition.
All the digital processing is performed using only the kernel clock. The MDF requests the
bus interface clock (AHB clock) only when data must be transfered or when a specific event
requests the attention of the system processor.
The MDF main features are:
•
AHB interface
•
Six serial digital inputs:
–
configurable SPI interface to connect various digital sensors
–
configurable Manchester coded interface support
–
compatible with PDM interface to support digital microphones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com