Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 75Page - STMicroelectronics STM32U595QJ Datasheet HTML 76Page - STMicroelectronics STM32U595QJ Datasheet HTML 77Page - STMicroelectronics STM32U595QJ Datasheet HTML 78Page - STMicroelectronics STM32U595QJ Datasheet HTML 79Page - STMicroelectronics STM32U595QJ Datasheet HTML 80Page - STMicroelectronics STM32U595QJ Datasheet HTML 81Page - STMicroelectronics STM32U595QJ Datasheet HTML 82Page - STMicroelectronics STM32U595QJ Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 377 page
background image
DS13633 Rev 1
79/377
STM32U59xxx
Functional overview
94
3.44
Timers and watchdogs
The devices include two advanced control timers, up to seven general-purpose timers, two
basic timers, four low-power timers, two watchdog timers and two SysTick timers.
The table below compares the features of the advanced control, general-purpose and basic
timers.
3.44.1
Advanced-control timers (TIM1, TIM8)
The advanced-control timers can each be seen as a three-phase PWM multiplexed on six
channels. They have complementary PWM outputs with programmable inserted
dead-times. They can also be seen as complete general-purpose timers.
The four independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability
(0 - 100 %)
•
One-pulse mode output
In Debug mode, the advanced-control timer counter can be frozen and the PWM outputs
disabled in order to turn off any power switches driven by these outputs.
Many features are shared with the general-purpose TIMx timers (described in the next
section) using the same architecture, so the advanced-control timers can work together with
the TIMx timers via the Timer Link feature for synchronization or event chaining.
Table 19. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1, TIM8
16 bits
Up, down,
Up/down
Any integer
between 1 and
65536
Yes
4
3
General-
purpose
TIM2, TIM3,
TIM4, TIM5
32 bits
Up, down,
Up/down
Any integer
between 1 and
65536
Yes
4
No
General-
purpose
TIM15
16 bits
Up
Any integer
between 1 and
65536
Yes
2
1
General-
purpose
TIM16,
TIM17
16 bits
Up
Any integer
between 1 and
65536
Yes
1
1
Basic
TIM6, TIM7
16 bits
Up
Any integer
between 1 and
65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com