Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 197 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 193Page - STMicroelectronics STM32U595QJ Datasheet HTML 194Page - STMicroelectronics STM32U595QJ Datasheet HTML 195Page - STMicroelectronics STM32U595QJ Datasheet HTML 196Page - STMicroelectronics STM32U595QJ Datasheet HTML 197Page - STMicroelectronics STM32U595QJ Datasheet HTML 198Page - STMicroelectronics STM32U595QJ Datasheet HTML 199Page - STMicroelectronics STM32U595QJ Datasheet HTML 200Page - STMicroelectronics STM32U595QJ Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 377 page
background image
Table 44. Current consumption in Sleep mode on LDO, flash memory in power down
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fMSI,
all peripherals disabled
Range 4
24
0.75
1.25
2.50
4.30
7.35
mA
16
0.63
1.10
2.40
4.15
7.20
12
0.57
1.05
2.35
4.10
7.15
4
0.42
0.90
2.20
3.95
7.00
2
0.39
0.87
2.15
3.90
6.95
1
0.37
0.85
2.15
3.90
6.95
0.4
0.36
0.84
2.15
3.90
6.95
0.1
0.36
0.84
2.10
3.90
6.95
fHCLK = PLL on HSE
16 MHz in bypass mode,
all peripherals disabled
Range 1
160
4.80
5.70
7.85
10.5
15.5
140
4.40
5.25
7.40
10.5
15.0
120
3.95
4.80
6.95
9.80
14.5
Range 2
110
3.25
3.95
5.80
8.20
12.5
72
2.50
3.20
5.00
7.40
11.5
64
2.35
3.05
4.85
7.25
11.5
fHCLK = fHSE bypass mode,
all peripherals disabled
Range 3
55
1.75
2.30
3.85
5.95
9.45
32
1.30
1.85
3.40
5.45
8.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com