Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 224Page - STMicroelectronics STM32U595QJ Datasheet HTML 225Page - STMicroelectronics STM32U595QJ Datasheet HTML 226Page - STMicroelectronics STM32U595QJ Datasheet HTML 227Page - STMicroelectronics STM32U595QJ Datasheet HTML 228Page - STMicroelectronics STM32U595QJ Datasheet HTML 229Page - STMicroelectronics STM32U595QJ Datasheet HTML 230Page - STMicroelectronics STM32U595QJ Datasheet HTML 231Page - STMicroelectronics STM32U595QJ Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 377 page
background image
IDD(VBAT
with RTC)
Supply current in
VBAT mode (backup
registers retained),
RTC enabled
RTC(1) clocked by LSE
quartz in low-drive mode
1.8
0.53
0.64
1.05
1.70
3.10
µA
2.4
0.58
0.69
1.15
1.85
3.30
3
0.68
0.83
1.35
2.25
3.95
3.3
0.79
1.00
1.80
3.05
5.50
3.6
1.05
1.35
2.30
3.65
6.35
RTC(1) clocked by LSE
quartz in low-drive mode,
RTC_CALR.LPCAL =1
1.8
0.44
0.56
0.95
1.65
3.00
2.4
0.46
0.58
1.00
1.75
3.20
3
0.52
0.67
1.20
2.10
3.80
3.3
0.62
0.84
1.60
2.85
5.35
3.6
0.86
1.15
2.10
3.45
6.15
IDD
(BKPSRAM)
Supply current to
add in VBAT mode
when the backup
SRAM is retained
-
1.8
0.14
0.19
0.35
0.60
1.00
2.4
0.14
0.20
0.35
0.60
1.00
3
0.14
0.19
0.36
0.60
0.95
3.3
0.14
0.20
0.35
0.60
1.00
3.6
0.15
0.20
0.35
0.60
1.00
1. RTC with default configuration except otherwise specified.
Table 62. Current consumption in VBAT mode (continued)
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com