Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595QJ Datasheet(PDF) 341 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 341 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 337Page - STMicroelectronics STM32U595QJ Datasheet HTML 338Page - STMicroelectronics STM32U595QJ Datasheet HTML 339Page - STMicroelectronics STM32U595QJ Datasheet HTML 340Page - STMicroelectronics STM32U595QJ Datasheet HTML 341Page - STMicroelectronics STM32U595QJ Datasheet HTML 342Page - STMicroelectronics STM32U595QJ Datasheet HTML 343Page - STMicroelectronics STM32U595QJ Datasheet HTML 344Page - STMicroelectronics STM32U595QJ Datasheet HTML 345Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 377 page
background image
DS13633 Rev 1
341/377
STM32U59xxx
Electrical characteristics
343
Table 149. OTG_HS PHY BCD electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD(USBBCD)
Primary detection mode consumption on VDDUSB
--
4.9
5.7
mA
Secondary detection mode consumption on VDDUSB
--
4.8
IDD11(USBBCD)
Primary detection mode consumption on VDD11USB
--
5.2
7.4
Secondary detection mode consumption on
VDD11USB
--
5.3
RDAT_LKG
Data line leakage resistance
-
300(2)
--
kΩ
VDAT_LKG
Data line leakage voltage
-
0.0
-
3.6(2)
V
RDCP_DAT
Dedicated charging port resistance across D+/D-
-
-
-
200(2)
Ω
VLGC_HI
Logic high
-
2.0
3.6
V
VLGC_LOW
Logic low
-
-
-
0.8
VLGC
Logic threshold
-
0.8
-
2.0
VDAT_REF
Data detect voltage
-
0.25(2)
-0.4(2)
VDP_SRC
D+ source voltage
-
0.5
-
0.7
VDM_SRC
D- source voltage
-
0.5
-
0.7
IDM_SINK
D- sink current
-
25
-
175
µA
IDP_SINK
D+ sink current
-
25
-
175
IDP_SRC
Data contact detect current source
-
7.0
-
13
1. Evaluated by characterization. Not tested in production, unless otherwise specified.
2. Specified by design. Not tested in production.
Table 150. OTG_HS current consumption characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IIDD(OTG_HS)
USB (PLL and PHY) current
consumption on VDDUSB
Suspend mode(2)
-
53
173
µA
Full-speed transmit(3)
-
9.9
12.2
mA
High-speed idle
-
5.8
6.4
High-speed transmit(3)
-
13.5
16.0
IIDD11(OTG_HS)
USB (PLL and PHY) current
consumption on VDD11USB
Suspend mode(2)
-
86
1570
µA
Full-speed transmit(3)
-
7.5
10.3
mA
High-speed idle
-
7.7
10.5
High-speed transmit(3)
-
9
12.2
1. Evaluated by characterization. Not tested in production.
2. Suspend when operating in device mode with no far-side host termination on DP/DM during measurements.
3. Transfers include 70% transmit activity and 30% interpacket delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com