Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV16K Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25TV16K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25TV16K Datasheet HTML 43Page - STMicroelectronics ST25TV16K Datasheet HTML 44Page - STMicroelectronics ST25TV16K Datasheet HTML 45Page - STMicroelectronics ST25TV16K Datasheet HTML 46Page - STMicroelectronics ST25TV16K Datasheet HTML 47Page - STMicroelectronics ST25TV16K Datasheet HTML 48Page - STMicroelectronics ST25TV16K Datasheet HTML 49Page - STMicroelectronics ST25TV16K Datasheet HTML 50Page - STMicroelectronics ST25TV16K Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
AFI
Table 82. Write AFI response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 83. Write AFI response format when Error_flag is set
Response SOF
Response_
flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set
–
03h: command option is not supported
–
0Fh: error with no information given
–
12h: the specified block is locked and its contents cannot be changed
–
13h: the specified block was not successfully programmed
Figure 21. Write AFI frame exchange between VCD and ST25TV16K/64K
SOF
Write AFI
request
VCD
EOF
ST25TV16K/64K
t1
SOF
Write AFI
response
EOF
SOF
EOF
ST25TV16K/64K
Wt
Write sequence
when error
Write AFI
response
6.4.19
Lock AFI
On receiving the Lock AFI request, the ST25TV16K/64K locks the AFI value permanently. When the Option_flag
is set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25TV16K/64K may not lock correctly the AFI value in memory. The Wt time is equal to t1nom + N × 302
µs (N is an integer).
ST25TV16K ST25TV64K
RF Commands
DS11489 - Rev 9
page 47/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com