Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV16K Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25TV16K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25TV16K Datasheet HTML 35Page - STMicroelectronics ST25TV16K Datasheet HTML 36Page - STMicroelectronics ST25TV16K Datasheet HTML 37Page - STMicroelectronics ST25TV16K Datasheet HTML 38Page - STMicroelectronics ST25TV16K Datasheet HTML 39Page - STMicroelectronics ST25TV16K Datasheet HTML 40Page - STMicroelectronics ST25TV16K Datasheet HTML 41Page - STMicroelectronics ST25TV16K Datasheet HTML 42Page - STMicroelectronics ST25TV16K Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
Response parameter:
•
Error code as Error_flag is set
–
03h: command option not supported
–
10h: block not available
–
11h: the specified block is already locked and thus cannot be locked again
–
14h: the specified block was not successfully locked
Figure 14. Extended Lock block frame exchange between VCD and ST25TV16K/64K
SOF
Extended Lock
block request
VCD
EOF
ST25TV16K/64K
t1
SOF
Extended Lock
block response
EOF
SOF
Extended Lock
block response
EOF
ST25TV16K/64K
Wt
Write sequence
when error
6.4.12
Read Multiple Blocks
When receiving the Read Multiple Block command, the ST25TV16K/64K reads the selected blocks and sends
back their value in multiples of 32 bits in the response. The blocks are numbered from 00h to FFh in the request
and the value is minus one (-1) in the field. For example, if the “Number of blocks” field contains the value 06h,
seven blocks are read. The maximum number of blocks is fixed at 256 assuming that they are all located in the
same area. If the number of blocks overlaps areas or overlaps the end of user memory, the ST25TV16K/64K
returns an error code. When the Option_flag is set, the response returns the Block Security Status.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25TV16K/64K can be addressed using this
command.
Table 61. Read Multiple Block request format
Request SOF Request_flags
Read Multiple
Block
UID (1)
First block
number
Number of blocks CRC16 Request EOF
-
8 bits
23h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
First block number
•
Number of blocks
Table 62. Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_
flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits(2)
16 bits
-
ST25TV16K ST25TV64K
RF Commands
DS11489 - Rev 9
page 39/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com