Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV16K Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25TV16K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25TV16K Datasheet HTML 16Page - STMicroelectronics ST25TV16K Datasheet HTML 17Page - STMicroelectronics ST25TV16K Datasheet HTML 18Page - STMicroelectronics ST25TV16K Datasheet HTML 19Page - STMicroelectronics ST25TV16K Datasheet HTML 20Page - STMicroelectronics ST25TV16K Datasheet HTML 21Page - STMicroelectronics ST25TV16K Datasheet HTML 22Page - STMicroelectronics ST25TV16K Datasheet HTML 23Page - STMicroelectronics ST25TV16K Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
5.3
Device Parameter Registers
Table 20. LOCK_DSFID
Bit
Command
Lock DSFID (cmd code 2Ah)
Type
WO if DSFID not locked
Name
Function
Factory Value
b0
LOCK_DSFID
0: DSFID is not locked
1: DSFID is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 7. System configuration memory map for the LOCK_DSFID register.
Table 21. LOCK_AFI
Bit
Command
Lock AFI (cmd code 28h)
Type
WO if AFI not locked
Name
Function
Factory Value
b0
LOCK_AFI
0: AFI is not locked
1: AFI is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 7. System configuration memory map for the LOCK_AFI register.
Table 22. DSFID
Bit
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write DSFID (cmd code 28h)
Type
R always, W if DSFID not locked
Name
Function
Factory Value
b7-b0
DSFID
ISO/IEC 15693 Data Storage Format Identifier
00h
Note:
Refer to Table 7. System configuration memory map for the DSFID register.
Table 23. AFI
Bit
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write AFI (cmd code 27h)
Type
R always, W if AFI not locked
Name
Function
Factory Value
b7-b0
AFI
ISO/IEC 15693 Application Family Identifier
00h
Note:
Refer to Table 7. System configuration memory map for the AFI register.
ST25TV16K ST25TV64K
Device Parameter Registers
DS11489 - Rev 9
page 20/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com