Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV16K Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25TV16K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25TV16K Datasheet HTML 24Page - STMicroelectronics ST25TV16K Datasheet HTML 25Page - STMicroelectronics ST25TV16K Datasheet HTML 26Page - STMicroelectronics ST25TV16K Datasheet HTML 27Page - STMicroelectronics ST25TV16K Datasheet HTML 28Page - STMicroelectronics ST25TV16K Datasheet HTML 29Page - STMicroelectronics ST25TV16K Datasheet HTML 30Page - STMicroelectronics ST25TV16K Datasheet HTML 31Page - STMicroelectronics ST25TV16K Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
6.3
Timing definition
t1: ST25TV16K/64K response delay
Upon detection of the rising edge of the EOF received from the VCD, the ST25TV16K/64K waits for a t1nom time
before transmitting its response to a VCD request or switching to the next slot during an inventory process. Values
of t1 are given in Table 36. Timing values.
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or more ST25TV16K/64K
responses have been received during an Inventory command. It starts from the reception of the EOF from the
ST25TV16K/64Ks.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25TV16K/64K.
t2 is also the time after which the VCD may send a new request to the ST25TV16K/64K, as described in
Figure 6. ST25TV16K/64K protocol timing.
Values of t2 are given in Table 36. Timing values.
t3: VCD new request delay when no response is received from the ST25TV16K/64K
t3 is the time after which the VCD may send an EOF to switch to the next slot when no ST25TV16K/64K response
has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25TV16K/64K.
From the time the VCD has generated the rising edge of an EOF:
•
If this EOF is 100% modulated, the VCD waits for a time at least equal to t3min for 100% modulation before
sending a new EOF.
•
If this EOF is 10% modulated, the VCD waits for a time at least equal to t3min for 10% modulation before
sending a new EOF.
Table 36. Timing values
Minimum (min) values
Nominal (nom) values
Maximum (max) values
100% modulation
10% modulation
t1
4320 / fc = 318.6 µs
4352 / fc = 320.9 µs
4384 / fc = 323.3 µs (1)
t2
4192 / fc = 309.2 µs
No tnom
No tmax
t3
t1max(2) + tSOF (3)
t1max (2)+ tNRT(4) + t2min
No tnom
No tmax
1. VCD request will not be interpreted during the first milliseconds following the field rising.
2. t1max does not apply for write-alike requests. Timing conditions for write-alike requests are defined in the command description.
3. tSOF is the time taken by the ST25TV16K/64K to transmit an SOF to the VCD. tSOF depends on the current data rate: High data rate or Low
data rate.
4. tNRT is the nominal response time of the ST25TV16K/64K. tNRT depends on VICC to ST25TV16K/64K data rate and subcarrier modulation
mode.
Note:
The tolerance of specific timing is ± 32/fC.
ST25TV16K ST25TV64K
Timing definition
DS11489 - Rev 9
page 28/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com