Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6388TCX Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 51Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 52Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 53Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 54Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 55Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 56Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 57Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 58Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
DocID031156 Rev 1
55/116
STM8AF6388
Option bytes
114
0x00
480B
TMU
OPT6
TMU[3:0]
0x00
0x00
480C
NOPT6
NTMU[3:0]
0xFF
0x00
480D Flash wait
states
OPT7
Reserved
WAIT
STATE
0x00
0x00
480E
NOPT7
Reserved
NWAIT
STATE
0xFF
0x00
480F
Reserved
0x00
4810
TMU
OPT8
TMU_KEY 1 [7:0]
0x00
0x00
4811
OPT9
TMU_KEY 2 [7:0]
0x00
0x00
4812
OPT10
TMU_KEY 3 [7:0]
0x00
0x00
4813
OPT11
TMU_KEY 4 [7:0]
0x00
0x00
4814
OPT12
TMU_KEY 5 [7:0]
0x00
0x00
4815
OPT13
TMU_KEY 6 [7:0]
0x00
0x00
4816
OPT14
TMU_KEY 7 [7:0]
0x00
0x00
4817
OPT15
TMU_KEY 8 [7:0]
0x00
0x00
4818
OPT16
TMU_MAXATT [7:0]
0xC7
0x00
4819
to
487D
Reserved
0x00
487E Boot-
loader(1)
OPT17
BL [7:0]
0x00
0x00
487F
NOPT
17
NBL [7:0]
0xFF
1. This option consists of two bytes that must have a complementary value in order to be valid. If the option is invalid, it has no
effect on EMC reset.
Table 16. Option bytes (continued)
Addr.
Option
name
Option
byte
no.
Option bits
Factory
default
setting
7
6543
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com