Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6388TCX Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 77Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 78Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 79Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 80Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 81Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 82Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 83Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 84Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
DocID031156 Rev 1
81/116
STM8AF6388
Electrical characteristics
114
10.3.9
SPI interface
Unless otherwise specified, the parameters given in Table 39 are derived from tests
performed under ambient temperature, fMASTER frequency, and VDD supply voltage
conditions. tMASTER = 1/fMASTER.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (NSS, SCK, MOSI, MISO).
Table 39. SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
0
10
MHz
Slave mode
VDD < 4.5 V
0
6(1)
VDD = 4.5 V to 5.5 V
0
8(1)
tr(SCK)
tf(SCK)
SPI clock rise and fall time Capacitive load: C = 30 pF
-
25(2)
ns
tsu(NSS)(3) NSS setup time
Slave mode
4 * tMASTER
-
th(NSS)(3) NSS hold time
Slave mode
70
-
tw(SCKH)(3)
tw(SCKL)(3)
SCK high and low time
Master mode
tSCK/2 - 15
tSCK/2 + 15
tw(SCKH)(3)
tw(SCKL)(3)
tsu(MI)(3)
tsu(SI)(3)
Data input setup time
Master mode
5
-
Slave mode
5
-
th(MI)(3)
th(SI)(3)
Data input hold time
Master mode
7
-
Slave mode
10
-
ta(SO)(3)(4) Data output access time
Slave mode
-
3* tMASTER
tdis(SO)(3)(5) Data output disable time
Slave mode
25
tv(SO)(3)
Data output valid time
Slave mode
(after enable edge)
VDD < 4.5 V
-
75
VDD = 4.5 V to 5.5 V
-
53
tv(MO)(3)
Data output valid time
Master mode (after enable edge)
-
30
th(SO)(3)
Data output hold time
Slave mode (after enable edge)
31
-
th(MO)(3)
Master mode (after enable edge)
12
-
1. fSCK < fMASTER/2.
2. The pad has to be configured accordingly (fast mode).
3. Guaranteed by design or by characterization results, not tested in production.
4. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data.
5. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com