Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6388TCX Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 39Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 40Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 41Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 42Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 43Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 44Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 45Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 46Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
DocID031156 Rev 1
43/116
STM8AF6388
Memory and register map
114
Table 12. General hardware register map
Address
Block
Register label
Register name
Reset
status
0x00 505A
Flash
FLASH_CR1
Flash control register 1
0x00
0x00 505B
FLASH_CR2
Flash control register 2
0x00
0x00 505C
FLASH_NCR2
Flash complementary control register 2
0xFF
0x00 505D
FLASH_FPR
Flash protection register
0x00
0x00 505E
FLASH_NFPR
Flash complementary protection register
0xFF
0x00 505F
FLASH_IAPSR
Flash in-application programming status
register
0x40
0x00 5060 to
0x005061
Reserved area (2 bytes)
0x00 5062
Flash
FLASH_PUKR
Flash Program memory unprotection
register
0x00
0x00 5063
Reserved area (1 byte)
0x00 5064
Flash
FLASH_DUKR
Data EEPROM unprotection register
0x00
0x00 5065 to
0x00 509F
Reserved area (59 bytes)
0x00 50A0
ITC
EXTI_CR1
External interrupt control register 1
0x00
0x00 50A1
EXTI_CR2
External interrupt control register 2
0x00
0x00 50A2 to
0x00 50B2
Reserved area (17 bytes)
0x00 50B3
RST
RST_SR
Reset status register
0xXX(1)
0x00 50B4 to
0x00 50BF
Reserved area (12 bytes)
0x00 50C0
CLK
CLK_ICKR
Internal clock control register
0x01
0x00 50C1
CLK_ECKR
External clock control register
0x00
0x00 50C2
Reserved area (1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com