Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6388TCX Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 8Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 9Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 10Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 11Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 12Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 13Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 14Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 15Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
Block diagram
STM8AF6388
12/116
DocID031156 Rev 1
4
Block diagram
Figure 1. STM8AF6388 block diagram
XTAL 1- 24 MHz
RC int. 16 MHz
RC int. 128 kHz
STM8A core
Debug/SWIM
SPI
USART
8-bit AR timer
(TIM4)
Reset block
Reset
POR
BOR
Clock controller
Detector
Clock to peripherals and core
10 Mbit/s
Master/slave
automatic
resynchronization
Window WDG
Up to 128 Kbyte
high-density
program Flash
Up to 2 Kbyte
Up to 6 Kbyte RAM
10-bit ADC
Reset
400 Kbit/s
Single wire
debug interface
16-bit advanced control
timer (TIM1)
16-bit general purpose
timers (TIM2, TIM3)
data EEPROM
Independent WDG
9 CAPCOM
channels
Up to
Up to 16 channels
I2C
Boot ROM
MS38338V1
AWU timer
LINUART
LIN master
SPI emul.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com