Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6388TCX Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 105Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 106Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 107Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 108Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 109Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 110Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 111Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 112Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 116 page
background image
DocID031156 Rev 1
109/116
STM8AF6388
Package information
114
11.6
Thermal characteristics
In case the maximum chip junction temperature (TJmax) specified in Table 22: General
operating conditions is exceeded, the functionality of the device cannot be guaranteed.
TJmax, in degrees Celsius, may be calculated using the following equation:
TJmax = TAmax + (PDmax x ΘJA)
where:
TAmax is the maximum ambient temperature in ° C
ΘJA is the package junction-to-ambient thermal resistance in ° C/W
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax)
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
PI/Omax represents the maximum power dissipation on output pins
where:
PI/Omax = Σ (VOL * IOL) + Σ((VDD - VOH) * IOH)
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low- and high-level in the
application.
11.6.1
Reference document
JESD51-2 integrated circuits thermal test method environment conditions - natural
convection (still air). Available from www.jedec.org.
Table 52. Thermal characteristics(1)
1. Thermal resistances are based on JEDEC JESD51-2 with 4-layer PCB in a natural convection
environment.
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
LQFP 80 - 14 x 14 mm
38
°C/W
Thermal resistance junction-ambient
LQFP 64 - 10 x 10 mm
46
Thermal resistance junction-ambient
LQFP 48 - 7 x 7 mm
57
Thermal resistance junction-ambient
LQFP 32 - 7 x 7 mm
59
Thermal resistance junction-ambient
VFQFPN 32 - 5 x 5 mm
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com