Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P960 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9P960
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P960 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9P960 Datasheet HTML 1Page - Renesas Technology Corp ICS9P960 Datasheet HTML 2Page - Renesas Technology Corp ICS9P960 Datasheet HTML 3Page - Renesas Technology Corp ICS9P960 Datasheet HTML 4Page - Renesas Technology Corp ICS9P960 Datasheet HTML 5Page - Renesas Technology Corp ICS9P960 Datasheet HTML 6Page - Renesas Technology Corp ICS9P960 Datasheet HTML 7Page - Renesas Technology Corp ICS9P960 Datasheet HTML 8Page - Renesas Technology Corp ICS9P960 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
3
9P960
REV A 051811
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9P960. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
DDRII Specifications
Recommended Operating Conditions
Electrical Characteristics–Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1.8/1.5V Core Voltage
AVDD1.8
With respect to GND
-0.5
2.3
V
1.8/1.5V Logic Voltage
VDD1.8/1.5 With respect to GND
-0.5
2.3
V
Storage Temperature
Ts
-
-65
150
°C
Tambient
-
0
70
°C
Tcase
-
95
°C
Input ESD protection HBM
ESD prot
-
2000
V
1. Guaranteed by design and characterization, not 100% tested in production.
2. Operation under these conditions is neither implied nor guaranteed.
Ambient Operating Temp
TA = 0 - 70°C; Supply Voltage AVDD1.8, VDD1.8/1.5 = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD1.8 /1.5
1.7
1.8
1.9
V
A
VDD 1.8
1.7
1.8
1.9
V
Low level input voltage
V
IL
CLK_INT, C LK_INC, FB_IN
0.35V
DD
V
High level input voltage
V
IH
CLK_INT, C LK_INC, FB_IN
0.65V
DD
V
Operating free-air
temperature
T
A
070
°C
1. Unused inputs must be held high or low to prevent them from floating.
Supply Voltage
Notes:
TA = 0 - 70°C; Supply Voltage AVDD1.8, VDD1.8/1.5 = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
10
µA
Input Low C urrent
I
IL
V
I = V DD or GND
-10
µA
Output Disabled Low Current
I
ODL
OE = L, V
ODL = 10 0mV
100
µA
I
DDA
AVDD1.8 @ 400MH z
34
45
mA
IDD1.8
VDD1.8/1.5 @ 400MHz
436
500
mA
I
DD LD
C
L = 0p f
500
µA
Input Clamp Voltage
VIK
VDDQ = 1.8V Iin = -18mA
-1.2
V
I
OH = -100 µA
V
DD -0.2
V
IOH = -9mA
1.1
V
I
OL=100µ A
0.1
V
I
OL=9mA
0.6
V
Input Capacitance
CIN
VI = GND or VDD
23
5pF
Output Capacitance
C
OU T
VOUT = GND or VDD
23
5pF
Operating Supply Current
High-level output voltage
V
OH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com