Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P960 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9P960
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P960 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9P960 Datasheet HTML 5Page - Renesas Technology Corp ICS9P960 Datasheet HTML 6Page - Renesas Technology Corp ICS9P960 Datasheet HTML 7Page - Renesas Technology Corp ICS9P960 Datasheet HTML 8Page - Renesas Technology Corp ICS9P960 Datasheet HTML 9Page - Renesas Technology Corp ICS9P960 Datasheet HTML 10Page - Renesas Technology Corp ICS9P960 Datasheet HTML 11Page - Renesas Technology Corp ICS9P960 Datasheet HTML 12Page - Renesas Technology Corp ICS9P960 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
11
9P960
REV A 051811
Revision History
Rev.
Issue Date
D escription
Page #
0.1
5/17/2007
Initial Release
-
0.2
7/1/2007
U pdated Product description and Pinout
Various
0.3
9/9/2008
U pdated Max Frequency for DDR2 (1.8V) setting
8
0.4
10/19/2009
U pdated pin description table
2
A5/18/2011
1. Removed advance information water marks from electrical tables.
2. Udpated ordering information
3. Updated electrical tables
4. Updated SMBus tables
5. Updated to current datasheet template
Various



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com