Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P960 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9P960
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P960 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9P960 Datasheet HTML 1Page - Renesas Technology Corp ICS9P960 Datasheet HTML 2Page - Renesas Technology Corp ICS9P960 Datasheet HTML 3Page - Renesas Technology Corp ICS9P960 Datasheet HTML 4Page - Renesas Technology Corp ICS9P960 Datasheet HTML 5Page - Renesas Technology Corp ICS9P960 Datasheet HTML 6Page - Renesas Technology Corp ICS9P960 Datasheet HTML 7Page - Renesas Technology Corp ICS9P960 Datasheet HTML 8Page - Renesas Technology Corp ICS9P960 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
5
9P960
REV A 051811
DDRIII Specifications
Recommended Operating Conditions
Electrical Characteristics–Input/Supply/Common Output Parameters
Timing
TA = 0 - 70°C; Supply Voltage AVDD = 1.8V+/- 0.1V, VDD = 1.5 V +/- 5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD1.8/1.5
1.425
1.5
1.575
V
A
VDD1 .8
1.7
1.8
1.9
V
Low level input voltage
VIL
CLK_INT, CLK_IN C, FB_IN
0.35VDD
V
High level input voltage
VIH
CLK_INT, CLK_IN C, FB_IN
0.65VDD
V
Operating free-air
temperature
T
A
070
°C
Notes:
1. Unused inputs must be held high or low to prevent them from floating.
Supply Voltage
TA = 0 - 70°C; Supply Voltage AVDD = 1.8V+/- 0.1V, VDD = 1.5 V +/- 5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
10
µA
Input Low Current
I
IL
V
I = VDD or GND
-10
µA
Output Disabled Low
Current
IODL
OE = L, VODL = 100mV
100
µA
IDDA
AVDD1.8 @ 400MHz
34
45
mA
I
DD 1.5
VDD1.8/1.5 @ 400MHz
331
375
mA
IDDLD
CL = 0pf
500
µA
Input Clamp Current
V
IK
V
I < 0 o r V I > VDD
-50
mA
Differential output clock
sw ing
V
OD
I
OH = -11mA
500
VDD1.8/1.5
mV
Input Capacitance
1
C
IN
VI = GND or VDD
25
pF
Output Capacitance
1
C
OUT
VOUT = GND or VDD
25
pF
Operating Supply Current
TA = 0 - 70°C; Supply Voltage AVDD = 1.8V+/- 0.1V, VDD = 1.5 V +/- 5% (unless otherwise stated)
PARAMETER
SYMBOL
CON DITIONS
MIN
TYP
MAX
UNITS
Max clock frequency
freqop
1.5V+5% @ 25°C
300
700
MH z
Application Frequency
Range
freq
App
1.5V+5% @ 25°C
300
670
MH z
Input clock duty cycle
d
tin
40
60
%
CLK stabilization
T
STAB
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com