Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P960 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9P960
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P960 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9P960 Datasheet HTML 4Page - Renesas Technology Corp ICS9P960 Datasheet HTML 5Page - Renesas Technology Corp ICS9P960 Datasheet HTML 6Page - Renesas Technology Corp ICS9P960 Datasheet HTML 7Page - Renesas Technology Corp ICS9P960 Datasheet HTML 8Page - Renesas Technology Corp ICS9P960 Datasheet HTML 9Page - Renesas Technology Corp ICS9P960 Datasheet HTML 10Page - Renesas Technology Corp ICS9P960 Datasheet HTML 11Page - Renesas Technology Corp ICS9P960 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
9P960
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
8
9P960
REV A 051811
I2C Table: Output Control Register
B yte 6
Name
Control Function
Type
Default
Bit 7
Freq Detect A
Low Frequency Detect PLLA
OFF Control
RW
1
Bit 6
FB_IN/OUTA
FB_OU TA Control
RW
1
Bit 5
DDRA_T5/C5
Output Control
RW
1
Bit 4
DDRA_T4/C4
Output Control
RW
1
Bit 3
DDRA_T3/C3
Output Control
RW
1
Bit 2
DDRA_T2/C2
Output Control
RW
1
Bit 1
DDRA_T1/C1
Output Control
RW
1
Bit 0
DDRA_T0/C0
Output Control
RW
1
I2C Table: Output Control Register
B yte 7
Name
Control Function
Type
Default
Bit 7
Freq Detect B
Low Frequency Detect PLLB
OFF Control
RW
1
Bit 6
FB_IN/OUTB
FB_OU TB Control
RW
1
Bit 5
DDRB_T5/C5
Output Control
RW
1
Bit 4
DDRB_T4/C4
Output Control
RW
1
Bit 3
DDRB_T3/C3
Output Control
RW
1
Bit 2
DDRB_T2/C2
Output Control
RW
1
Bit 1
DDRB_T1/C1
Output Control
RW
1
Bit 0
DDRB_T0/C0
Output Control
RW
1
I2C Table: Group Skew Control Register
B yte 8
Name
Control Function
Type
Default
Bit 7
CLKINA Skw3
RW
0
Bit 6
CLKINA Skw2
RW
0
Bit 5
CLKINA Skw1
RW
0
Bit 4
CLKINA Skw0
RW
0
Bit 3
FB_INTA Skw3
RW
0
Bit 2
FB_INTA Skw2
RW
0
Bit 1
FB_INTA Skw1
RW
0
Bit 0
FB_INTA Skw0
RW
0
I2C Table: Group Skew Control Register
B yte 9
Name
Control Function
Type
Default
Bit 7
CLKINB Skw3
RW
0
Bit 6
CLKINB Skw2
RW
0
Bit 5
CLKINB Skw1
RW
0
Bit 4
CLKINB Skw0
RW
0
Bit 3
FB_INTB Skw3
RW
0
Bit 2
FB_INTB Skw2
RW
0
Bit 1
FB_INTB Skw1
RW
0
Bit 0
FB_INTB Skw0
RW
0
1
1
Disable
Enable
See Table 1: 7-Step Skew
Programming Table
0
CLKINA Skew Control
FB_INTA Skew Control
See Table 1: 7-Step Skew
Programming Table
Disable
CLKINB Skew Control
FB_INTB Skew Control
See Table 1: 7-Step Skew
Programming Table
See Table 1: 7-Step Skew
Programming Table
Disable
Disable
Enable
Enable
Enable
Enable
ON
Enable
Enable
Enable
1
ON
Disable
01
OFF
Disable
Disable
Disable
0
Enable
Enable
Enable
Enable
Disable
0
Enable
OFF
Disable
Disable
Disable
Enable
Disable
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com