Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9SQL4958
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4958 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9SQL4958 Datasheet HTML 2Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 3Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 4Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 5Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 6Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 7Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 8Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 9Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
BCLK2
Output
True output of differential BCLK.
23
22
BCLK2#
Output
Complement output of differential BCLK.
24
23
BCLK3
Output
True output of differential BCLK.
26
27
BCLK3#
Output
Complement output of differential BCLK.
27
28
BCLK4
Output
True output of differential BCLK.
32
BCLK4#
Output
Complement output of differential BCLK.
33
BCLK5
Output
True output of differential BCLK.
35
BCLK5#
Output
Complement output of differential BCLK.
36
BCLK6
Output
True output of differential BCLK.
41
BCLK6#
Output
Complement output of differential BCLK.
42
BCLK7
Output
True output of differential BCLK.
44
BCLK7#
Output
Complement output of differential BCLK.
45
EPAD
GND
Connect to ground.
49
33
25
GND
GND
Ground pin.
22
15
10
GND
GND
Ground pin.
40
26, 30
21
GNDA
GND
Ground pin for the PLL core.
29
20
15
GNDDIG
GND
Ground pin for digital circuitry.
9
8
6
GNDREF
GND
Ground pin for the REF outputs.
8
7
5
GNDXTAL
GND
GND for XTAL.
2
1
24
SCLK_3.3
Input
Clock pin of SMBus circuitry, 3.3V tolerant.
10
10
8
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
11
11
9
VDD3.3
Power
Power supply, nominally 3.3V.
20
16
11
VDD3.3
Power
Power supply, nominally 3.3V.
38
25
20
VDDA3.3
Power
3.3V power for the PLL core.
30
21
16
VDDDIG3.3
Power
3.3V digital power (dirty power).
12
9
7
VDDIO
Power
Power supply for differential outputs.
13
VDDIO
Power
Power supply for differential outputs.
21
VDDIO
Power
Power supply for differential outputs.
31
VDDIO
Power
Power supply for differential outputs.
39
VDDIO
Power
Power supply for differential outputs.
47
VDDREF3.3
Power
Power supply for REF output, nominally 3.3V.
6
5
VDDXTAL3.3
Power
Power supply for XTAL, nominally 3.3V.
5
4
3
vOE0#
Input
Active low input for enabling output 0. This pin has an internal pull-down.
1 = disable output, 0 = enable output.
14
12
12
Table 1. Pin Descriptions (Cont.)
Name
Type
Description
9SQL4958
Pin No.
9SQL4954
Pin No.
9SQL4952
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com