Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 9SQL4958
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4958 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 9SQL4958 Datasheet HTML 19Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 20Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 21Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 24Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 25Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 26Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
9SQL4954
Default
9SQL4954 defaults to 0b01xx01xx
9SQL4952
Name
BCLK0_imp[1] BCLK0_imp[0]
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
9SQL4952
Default
9SQL4952 defaults to 0b01xxxxxx
Table 31. Byte 13: Impedance Control Register 2
Byte 13
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Output impedance
control [1:0]
Output impedance
control [1:0]
Output impedance
control [1:0]
Output impedance
control [1:0]
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
00 = 33ohm BCLK Zout, 01 = 85ohm BCLK Zout
10 = 100ohm BCLK Zout, 11 = Reserved
1
9SQL4958
Name
BCLK7_imp[1] BCLK7_imp[0] BCLK6_imp[1] BCLK6_imp[0] BCLK5_imp[1] BCLK5_imp[0] BCLK4_imp[1] BCLK4_imp[0]
9SQL4958
Default
9SQL4958 defaults to 0h55
9SQL4954
Name
Reserved
Reserved
BCLK3_imp[1] BCLK3_imp[0] BCLK2_imp[1] BCLK2_imp[0]
Reserved
Reserved
9SQL4954
Default
9SQL4954 defaults to 0bxx0101xx
9SQL4952
Name
Reserved
Reserved
Reserved
Reserved
BCLK1_imp[1] BCLK1_imp[0]
Reserved
Reserved
9SQL4952
Default
9SQL4952 defaults to 0bxxxx01xx
Table 30. Byte 12: Impedance Control Register 1 (Cont.)
Byte 12
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com