Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9SQL4958
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4958 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9SQL4958 Datasheet HTML 9Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 10Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 11Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 12Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 13Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 14Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 15Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 16Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
1 The REFCLK jitter is measured after applying the filter functions found in PCI Express Base Specification 5.0, Revision 1.0. See the Test Loads
section of the data sheet for the exact measurement setup. Values for the Common Clock architecture are calculated for CC/SRIS spread off and
spread on at -0.5%. SRIS values are calculated for CC/SRIS spread off and spread on at ≤-0.3%. If oscilloscope data is used, equipment noise is
removed from all results.
2 Jitter measurements shall be made with a capture of at least 100,000 clock cycles captured by a real-time oscilloscope (RTO) with a sample rate
of 20 GS/s or greater. Broadband oscilloscope noise must be minimized in the measurement. The measured PP jitter is used (no extrapolation) for
RTO measurements. Alternately, jitter measurements may be used with a Phase Noise Analyzer (PNA) extending (flat) and integrating and folding
the frequency content up to an offset from the carrier frequency of at least 200MHz (at 300MHz absolute frequency) below the Nyquist frequency.
For PNA measurements for the 2.5 GT/s data rate, the RMS jitter is converted to peak to peak jitter using a multiplication factor of 8.83. In the case
where real-time oscilloscope and PNA measurements have both been done and produce different results, the RTO result must be used.
3 SSC spurs from the fundamental and harmonics are removed up to a cutoff frequency of 2MHz taking care to minimize removal of any non-SSC
content.
4 Note that 0.7ps RMS is to be used in channel simulations to account for additional noise in a real system.
5 Note that 0.25ps RMS is to be used in channel simulations to account for additional noise in a real system.
6 While the PCI Express Base Specification 5.0, Revision 1.0 provides the filters necessary to calculate SRIS jitter values, it does not provide
specification limits, hence the N/A in the “Limit” column. SRIS values are informative only. In general, a clock operating in an SRIS system must be
twice as good as a clock operating in a Common Clock system. For RMS values, twice as good is equivalent to dividing the CC value by
√2. An
additional consideration is the value for which to divide by
√2. The conservative approach is to divide the ref clock jitter limit, and the case can be
made for dividing the channel simulation values by
√2, if the ref clock is close to the Tx clock input. An example for Gen4 is as follows. A
“rule-of-thumb” SRIS limit would be either 0.5ps RMS/
√2 = 0.35ps RMS, or 0.7ps RMS/√2 = 0.5ps RMS.
7 Calculated for Byte1[4:3] spread settings of 01, 10 and 11.
8 Calculated for Byte1[4:3] spread settings of 01, and 10.
Table 13. PCIe Phase Jitter of Differential Outputs
TAMB = over the specified operating range. Supply voltages per normal operation conditions. See Test Loads for loading conditions.
Parameter
Symbol
Conditions
Minimum
Typical
Maximum Limit
Units
Notes
PCIe Phase Jitter
(Common Clocked
Architecture)
tjphPCIeG1-CC
PCIe Gen1 (2.5 GT/s)
18
28
86
ps (p-p)
1,2,7
tjphPCIeG2-CC
PCIe Gen2 Hi Band (5.0 GT/s)
0.9
1.6
3
ps (RMS)
1,2,7
PCIe Gen2 Lo Band (5.0 GT/s)
0.4
0.6
3.1
ps (RMS)
1,2,
tjphPCIeG3-CC
PCIe Gen3 (8.0 GT/s)
0.25
0.4
1
ps (RMS)
1,2,3,7
tjphPCIeG4-CC
PCIe Gen4 (16.0 GT/s)
0.25
0.4
0.5
ps (RMS) 1,2,3,4,7
tjphPCIeG5-CC
PCIe Gen5 (32.0 GT/s)
0.09
0.11
0.15 ps (RMS) 1,2,3,5,7
PCIe Phase Jitter
(SRIS Architecture)
tjphPCIeG1-SRIS
PCIe Gen1 (2.5 GT/s)
4
6
N/A
ps (RMS)
1,2,6,8
tjphPCIeG2-SRIS
PCIe Gen2 (5.0 GT/s)
0.8
1.1
ps (RMS)
1,2,6,8
tjphPCIeG3-SRIS
PCIe Gen3 (8.0 GT/s)
0.3
0.4
ps (RMS)
1,2,6,8
tjphPCIeG4-SRIS
PCIe Gen4 (16.0 GT/s)
0.3
0.35
ps (RMS)
1,2,6,8
tjphPCIeG5-SRIS
PCIe Gen5 (32.0 GT/s)
0.15
0.19
ps (RMS)
1,2,6,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com