Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 9SQL4958
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4958 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 9SQL4958 Datasheet HTML 16Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 17Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 18Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 19Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 20Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 21Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4958 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
1 See BCLK Low-Power HCSL Outputs table for slew rates.
1 The disabled state depends on Byte11[1:0]. '00' = Low, '01'= HiZ, '10' = Low, '11' = High.
Byte 4 is Reserved
Table 23. Byte 2: BCLK Slew Selection Register
Byte 2
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Select fast or
slow slew rate
Select fast or
slow slew rate
Select fast or
slow slew rate
Select fast or
slow slew rate
Select fast or
slow slew rate
Select fast or
slow slew rate
Select fast or
slow slew rate
Select fast or
slow slew rate
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
Slow Slew Rate
1
Fast Setting
9SQL4958
Name
BCLK7_slew
BCLK6_slew
BCLK5_slew
BCLK4_slew
BCLK3_slew
BCLK2_slew
BCLK1_slew
BCLK0_slew
9SQL4958
Default
1
111
1111
9SQL4954
Name
Reserved
Reserved
Reserved
Reserved
BCLK3_slew
BCLK2_slew
BCLK1_slew
BCLK0_slew
9SQL4954
Default
x
x
x
x
1111
9SQL4952
Name
Reserved
Reserved
Reserved
Reserved
Reserved
BCLK1_slew
BCLK0_slew
Reserved
9SQL4952
Default
xxx
xx
1
1
x
Table 24. Byte 3: REF Slew Rate Control Register
Byte 3
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Slew Rate Control
Wake-on-Lan
Enable for REF
REF Output
Enable
Reserved
Reserved
Reserved
Reserved
Type
RW
RW
RW
RW
0
00 = Slowest
10 = Fast
REF disabled
in Power Down
Disabled1
1
01 = Slow
11 = Fastest
REF runs in
Power Down
Enabled
Name
REF Slew Rate [1:0]
REF Power
Down Function
REF OE
Default
0
101
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com