Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS20 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL2ICS20
Description  SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS20 Datasheet(HTML) 4 Page - NXP Semiconductors

  SL2ICS20 Datasheet HTML 1Page - NXP Semiconductors SL2ICS20 Datasheet HTML 2Page - NXP Semiconductors SL2ICS20 Datasheet HTML 3Page - NXP Semiconductors SL2ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2ICS20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product Specification Rev.3.0 December 2002
Bumped Wafer Specification
SL2 ICS 20
4
6 CHIP ORIENTATION AND BONDPAD LOCATIONS
PAD(center)
x [µm]
y [µm]
LA
0.0
0.0
LB
665.0
-30.0
TESTIO
687.0
-632.0
VSS
-93.0
-385.0
Not to scale!
(1) X-Scribeline width:
tbd µm
(7) LB bump edge to chip edge, y-length:
69[+7] µm
(2) Y-Scribeline width:
tbd µm
(8) LB bump edge to chip edge, x-length:
39[+7] µm
(3) Chip step, x-length:
X-Scribeline + 900 µm
(9) TESTIO bump edge to chip edge, x-length: 32[+7] µm
(4) Chip step, y-length:
Y-Scribeline + 780 µm
(10) TESTIO bump edge to chip edge, y-length:32[+7] µm
(5) LA bump edge to chip edge, y-length:
39[+7] µm
(11) VSS bump edge to chip edge, y-length: 279[+7] µm
(6) LA bump edge to chip edge, x-length:
104[+7] µm
(12) VSS bump edge to chip edge, x-length:
26[+7] µm
[+7µm] ...for pad edge to chip edge!
Figure 1
(1)
X
Y
LA
TESTIO
VSS
LB
(4)
(3)
(5)
(6)
(2)
(9)
Widths and lengths are measured from metal to metal.
(12)
(11)
(10)
(8)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com